Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC110CA Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1.5SMC110CA
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1.5SMC110CA Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1.5SMC110CA Datasheet HTML 1Page - Central Semiconductor Corp 1.5SMC110CA Datasheet HTML 2Page - Central Semiconductor Corp 1.5SMC110CA Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.5SMC6.8CA
THRU
1.5SMC220CA
SURFACE MOUNT SILICON
BI-DIRECTIONAL
GLASS PASSIVATED JUNCTION
TRANSIENT VOLTAGE SUPPRESSORS
1500 WATT, 6.8 THRU 220 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1.5SMC6.8CA
series devices are surface mount bi-directional glass
passivated junction Transient Voltage Suppressors
designed to protect voltage sensitive components from
high voltage transients.
THIS DEVICE IS MANUFACTURED WITH A GLASS
PASSIVATED CHIP FOR OPTIMUM RELIABILITY.
Note: For uni-directional devices, please refer to the
1.5SMC6.8A series data sheet.
MARKING CODE: SEE ELECTRICAL
CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL
UNITS
Peak Power Dissipation (Note 1)
PPK
1500
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
• This series is UL listed, UL file number E130224
Notes: (1) Non-repetitive 10x1,000μs pulse.
TYPE
BREAKDOWN
VOLTAGE
VBR @ IT
TEST
CURRENT
IT
WORKING
PEAK
REVERSE
VOLTAGE
VRWM
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR @ VRWM
MAXIMUM
CLAMPING
VOLTAGE
VC @ IPP
PEAK
PULSE
CURRENT
(Note 1)
IPP
MAXIMUM
TEMPERATURE
COEFFICIENT
ΘVBR
MARKING
CODE
MIN
V
NOM
V
MAX
V
mA
V
μA
VA
% / °C
1.5SMC6.8CA
6.45
6.8
7.14
10
5.8
2000
10.5
143
0.057
C6V8C
1.5SMC7.5CA
7.13
7.5
7.88
10
6.4
1000
11.3
132
0.061
C7V5C
1.5SMC8.2CA
7.79
8.2
8.61
10
7.02
400
12.1
124
0.065
C8V2C
1.5SMC9.1CA
8.65
9.1
9.55
1.0
7.78
100
13.4
112
0.068
C9V1C
1.5SMC10CA
9.5
10
10.5
1.0
8.55
20
14.5
103
0.073
C10C
1.5SMC11CA
10.5
11
11.6
1.0
9.4
5.0
15.6
96
0.075
C11C
1.5SMC12CA
11.4
12
12.6
1.0
10.2
5.0
16.7
90
0.078
C12C
1.5SMC13CA
12.4
13
13.7
1.0
11.1
5.0
18.2
82
0.081
C13C
1.5SMC15CA
14.3
15
15.8
1.0
12.8
5.0
21.2
71
0.084
C15C
1.5SMC16CA
15.2
16
16.8
1.0
13.6
5.0
22.5
67
0.086
C16C
1.5SMC18CA
17.1
18
18.9
1.0
15.3
5.0
25.2
59.5
0.088
C18C
1.5SMC20CA
19.0
20
21.0
1.0
17.1
5.0
27.7
54
0.090
C20C
1.5SMC22CA
20.9
22
23.1
1.0
18.8
5.0
30.6
49
0.092
C22C
1.5SMC24CA
22.8
24
25.2
1.0
20.5
5.0
33.2
45
0.094
C24C
1.5SMC27CA
25.7
27
28.4
1.0
23.1
5.0
37.5
40
0.096
C27C
1.5SMC30CA
28.5
30
31.5
1.0
25.6
5.0
41.4
36
0.097
C30C
1.5SMC33CA
31.4
33
34.7
1.0
28.2
5.0
45.7
33
0.098
C33C
1.5SMC36CA
34.2
36
37.8
1.0
30.8
5.0
49.9
30
0.099
C36C
1.5SMC39CA
37.1
39
41
1.0
33.3
5.0
53.9
28
0.100
C39C
SMC CASE
R8 (11-September 2013)
www.centr a lsemi.com


Similar Part No. - 1.5SMC110CA

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1.5SMC110CA CENTRAL-1.5SMC110CA Datasheet
146Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 200 VOLTS
logo
Socay Electornics Co., ...
1.5SMC110CA SOCAY-1.5SMC110CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
1.5SMC110CA LITTELFUSE-1.5SMC110CA Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
logo
Socay Electornics Co., ...
1.5SMC110CA SOCAY-1.5SMC110CA Datasheet
583Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
1.5SMC110CA TSC-1.5SMC110CA Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC110CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com