Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMYTVS5-2 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMYTVS5-2
Description  SURFACE MOUNT SILICON LOW CAPACITANCE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMYTVS5-2 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMYTVS5-2 Datasheet HTML 1Page - Central Semiconductor Corp CMYTVS5-2 Datasheet HTML 2Page - Central Semiconductor Corp CMYTVS5-2 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CMYTVS5-2
SURFACE MOUNT SILICON
LOW CAPACITANCE
5 VOLT, 2-LINE
TVS/DIODE ARRAY
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMYTVS5-2 is a
2-line TVS/Diode array packaged in the SOT-543
surface mount case. This device, with its low capacitance,
was designed to protect two high speed data or
transmission lines from over-voltage transients and
ESD damage.
MARKING CODE: C52
APPLICATIONS:
• USB 2.0 power and data line protection
• HDMI
• DVI
• Ethernet ports
FEATURES:
• 15kV ESD protection
• Low capacitance
• Low clamping voltage
• Protects two I/O lines
• Protects supply voltage rail
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Peak Power Dissipation (8x20μs)
PPK
60
W
ESD Voltage (IEC61000-4-2, Air)
VESD
15
kV
Operating and Storage Junction Temperature
TJ, Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25°C)
R1 (4-January 2013)
Maximum
Reverse
Stand-Off
Voltage
VRWM
Minimum
Reverse
Breakdown
Voltage
pin 4 to pin 1
VZ @ IZ
Maximum
Reverse
Leakage
Current
pin 4 to pin 1
IR @ VR
Maximum
Clamping
Voltage
I/O to pin 1
(8x20μs)
VC @ IPP
Maximum
Clamping
Voltage
I/O to pin 1
(8x20μs)
VC @ IPP
Off State
Junction
Capacitance
I/O to GND
(VR=0, f=1.0MHz)
CJ
Off State
Junction
Capacitance
I/O to I/O
(VR=0, f=1.0MHz)
CJ
V
V
mA
μA
V
VAVA
TYP
pF
MAX
pF
TYP
pF
MAX
pF
5.0
6.2
1.0
1.0
5.0
9.0
1.0
12
5.0
0.9
1.2
0.5
0.6
SOT-543 CASE
www.centr a lsemi.com


Similar Part No. - CMYTVS5-2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMYTVS5-2 CENTRAL-CMYTVS5-2 Datasheet
1Mb / 2P
   5.0V, 2-Line, low capacitance, TVS/diode array in the SOT-543 package
More results

Similar Description - CMYTVS5-2

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMXESD70-4 CENTRAL-CMXESD70-4 Datasheet
635Kb / 4P
   SURFACE MOUNT SILICON LOW CAPACITANCE ESD PROTECTION
logo
Shanghai Leiditech Elec...
SLCD6.5 LEIDITECH-SLCD6.5 Datasheet
348Kb / 3P
   Low Capacitance Surface mount TVS
SLCA5.0 LEIDITECH-SLCA5.0 Datasheet
134Kb / 1P
   Low Capacitance Surface mount TVS
SLCB6.5 LEIDITECH-SLCB6.5 Datasheet
344Kb / 3P
   Low Capacitance Surface mount TVS
logo
Diodes Incorporated
T3V3LCS3 DIODES-T3V3LCS3 Datasheet
101Kb / 4P
   LOW CAPACITANCE SURFACE MOUNT TVS
January 2010
logo
Central Semiconductor C...
CMXTVS5-4 CENTRAL-CMXTVS5-4 Datasheet
402Kb / 3P
   SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS/DIODE ARRAY
CTLTVS5-4 CENTRAL-CTLTVS5-4 Datasheet
953Kb / 4P
   SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS DIODE ARRAY
CMXTVS5-4 CENTRAL-CMXTVS5-4 Datasheet
543Kb / 2P
   SURFACE MOUNT LOW CAPACITANCE QUAD SILICON TVS/DIODE ARRAY
CSL05 CENTRAL-CSL05_10 Datasheet
330Kb / 2P
   SURFACE MOUNT ULTRA LOW CAPACITANCE SILICON TRANSIENT VOLTAGE SUPPRESSORS
CMKTVS5-4 CENTRAL-CMKTVS5-4 Datasheet
461Kb / 3P
   SURFACE MOUNT SILICON LOW CAPACITANCE QUAD TVS/DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com