Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM3482ETR13X Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM3482ETR13X
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM3482ETR13X Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM3482ETR13X Datasheet HTML 1Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 2Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 3Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 4Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 5Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 6Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 7Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 8Page - RF Micro Devices RFFM3482ETR13X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RFFM3482E
Prelim DS120109
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Bm
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
5.6
VDC
Full Specification Temp Range (Full
Spec. Compliant)
-10 to +75
°C
Extreme Operating
Temperature Range
(Reduced Performance)
-40 to -10 and +75 to +85
°C
Storage Temperature
-40 to +150
°C
Maximum Tx Input Power
for 11b (No Damage)
+10
dBm
Maximum Tx Input Power
for 11g (No Damage)
+10
dBm
Moisture Sensitivity
MSL1
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz Transmit Parameters
Compliance
IEEE802.11b, IEEE802.11g,
FCC CFG 15.247, .205, .209
Nominal Conditions
VCC=3.6V, PAEN=1.8V pulsed at 1% to 100% duty
cycle, Temp=+25°C,
Freq=2.4GHz to 2.5GHz, unless otherwise noted
Frequency
2.4
2.5
GHz
Output Power
11g
15.5
17
dBm
54Mbps, OFDM, 64QAM meeting EVM requirement1
11b
20.5
21.5
dBm
Measured at 1Mbps meeting ACP1/ACP2 require-
ments
11n
14.5
16
dBm
MCS7, OFDM
EVM* 11g
2.4
3.5
%
RMS, mean, POUT(g)=15.5dBm
EVM* 11n
2.2
2.8
%
RMS, mean, POUT(n)=14.5dBm
ACP1
-36
-33
dBc
POUT=20.5dBm, IEEE802.11b, 11Mbps CCK, 1Mbps
BPSK modulation
ACP2
-56
-53
dBc
POUT=20.5dBm, IEEE802.11b, 11Mbps CCK, 1Mbps
BPSK modulation
Gain
28
33
38
dB
Gain Variation
-2
+2
dB
Over temperature and voltage
Frequency
-1.0
+1.0
dB
2.4GHz to 2.5GHz
*The EVM specification is obtained with a signal generator that has an EVM level
<0.7%.
1. With Vcc>4.2V to 4.8V there will be a 0.5dB degradation in 11g linear output power
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - RFFM3482ETR13X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482QPCK-41X RFMD-RFFM3482QPCK-41X Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482QPCK-41X QORVO-RFFM3482QPCK-41X Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482QSQ RFMD-RFFM3482QSQ Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
More results

Similar Description - RFFM3482ETR13X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5745 RFMD-RF5745 Datasheet
435Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com