Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM3482ESQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFFM3482ESQ
Description  2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM3482ESQ Datasheet(HTML) 1 Page - RF Micro Devices

  RFFM3482ESQ Datasheet HTML 1Page - RF Micro Devices RFFM3482ESQ Datasheet HTML 2Page - RF Micro Devices RFFM3482ESQ Datasheet HTML 3Page - RF Micro Devices RFFM3482ESQ Datasheet HTML 4Page - RF Micro Devices RFFM3482ESQ Datasheet HTML 5Page - RF Micro Devices RFFM3482ESQ Datasheet HTML 6Page - RF Micro Devices RFFM3482ESQ Datasheet HTML 7Page - RF Micro Devices RFFM3482ESQ Datasheet HTML 8Page - RF Micro Devices RFFM3482ESQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
TXB
BTH SW
RX SW
TX SW
2
1
7
8
9
10
11
12
15
16
GND
VB
3
BT
4
PAEN
14
13
6
5
RFFM3482E
2.4GHz TO 2.5GHz SINGLE-BAND
FRONT END MODULE
The RFFM3482E is a single-chip integrated front end module (FEM) for
high-performance WiFi applications in the 2.4GHz to 2.5GHz ISM band.
The FEM addresses the need for aggressive size reduction for a typical
802.11b/g/n front end design and greatly reduces the number of compo-
nents outside of the core chipset. The FEM has integrated b/g/n power
amplifier, directional power detector, Rx balun, and some Tx filtering. It is
also capable of switching between WiFi Rx, WiFi Tx and BTH Rx/Tx opera-
tions. The device is provided in a 3mmx3mmx0.45mm, 16-pin package.
This module meets or exceeds the RF front end needs of 802.11b/g/n
WiFi RF systems.
Features
Single Module Radio Front
End
Single Voltage Supply 3.0V to
4.8V
Integrated 2.4GHz to 2.5GHz
b/g/n Amplifier, Rx Balun and
Tx/Rx Switch and Directional
Power Detector
POUT=17dBm, 11g, OFDM
at
2.4% EVM and
POUT=21.5dBm, Meeting
11b Mask
Low Height Package Suited
for SiP and CoB Designs
Applications
Cellular handsets
Mobile devices
Tablets
Consumer electronics
Gaming
Netbooks/Notebooks
TV/monitors/video
SmartEnergy
RFFM3482ETR13X Standard 1-piece
RFFM3482ESQ
Standard 25-piece bag
RFFM3482ESR
Standard 100-piece bag
RFFM3482ETR7
Standard 2500-piece reel
RFFM3482EPCK-41XFully Assembled Evaluation Board and 5 loose sample pieces
Prelim DS120109
Package Style: QFN, 16-pin, 3mmx3mmx0.45mm


Similar Part No. - RFFM3482ESQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482QPCK-41X RFMD-RFFM3482QPCK-41X Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482QPCK-41X QORVO-RFFM3482QPCK-41X Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482QSQ RFMD-RFFM3482QSQ Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
More results

Similar Description - RFFM3482ESQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5745 RFMD-RF5745 Datasheet
435Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com