Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4200SB Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFFM4200SB
Description  3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4200SB Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RFFM4200SB Datasheet HTML 3Page - RF Micro Devices RFFM4200SB Datasheet HTML 4Page - RF Micro Devices RFFM4200SB Datasheet HTML 5Page - RF Micro Devices RFFM4200SB Datasheet HTML 6Page - RF Micro Devices RFFM4200SB Datasheet HTML 7Page - RF Micro Devices RFFM4200SB Datasheet HTML 8Page - RF Micro Devices RFFM4200SB Datasheet HTML 9Page - RF Micro Devices RFFM4200SB Datasheet HTML 10Page - RF Micro Devices RFFM4200SB Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7 of 15
RFFM4200
DS121008
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
Note: Thermal vias for center slug “B” should be incorporated into the PCB design. The number and size of thermal vias will
depend on the application. Example of the number and size of vias can be found on the RFMD evaluation board layout.
PCB METAL LAND PATTERN
0.000
2x 0.900
2x 1.800
7x 2.700
2x 0.900
2x 1.800
7x 2.700
A = 0.400 x 0.400 mm
B = 4.400 x 4.400 mm
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
A
A
A
A
A
A
A
A
20x
0.300
PCB STENCIL PATTERN
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
A
A
A
A
A
A
A
A
7x 2.700
2x 1.800
2x 0.900
0.000
2x 0.900
2x 1.800
7x 2.700
3x 1.550
3x 1.550
A = 0.360 x 0360 mm
B = 1.170 x 1.179 mm
20x
0.385
B
B
B
B
B
B
B
B
Notes
Notes:
1. Shaded area represents Pin 1 location
1. Shaded area represents Pin 1 location
PCB SOLDER MASK PATTERN
A
A
A
A
A
A
A
A
A
A
A
A
A
B
A
A
A
A
AA
A
A
A
A
A
A = 0.550 x 0.550 mm
B = 4.550 x 4.550 mm
0.000
2x 0.900
2x 1.800
7x 2.700
2x 0.900
2x 1.800
7x 2.700
20x
0.150


Similar Part No. - RFFM4200SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201PCK-410 RFMD-RFFM4201PCK-410 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201SB RFMD-RFFM4201SB Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201SQ RFMD-RFFM4201SQ Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201SR RFMD-RFFM4201SR Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results

Similar Description - RFFM4200SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4202 RFMD-RFFM4202 Datasheet
1Mb / 15P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
   5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com