Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDL00740 Datasheet(PDF) 3 Page - Integrated Technology Future

Part # IDL00740
Description  Usable bandwidth 5 MHz Rx. And Tx. band
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

IDL00740 Datasheet(HTML) 3 Page - Integrated Technology Future

  IDL00740 Datasheet HTML 1Page - Integrated Technology Future IDL00740 Datasheet HTML 2Page - Integrated Technology Future IDL00740 Datasheet HTML 3Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LC DUPLEXER IDD00740
70 MHz / 160 MHz
Part No.
IDD00740
Rev. Date
2014-8-29
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
AS01
3/3
Frequency Response
Frequency Response
Frequency Response
Frequency Response
Ant to Rx
Tx to Ant


Similar Part No. - IDL00740

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDL00741 ITF-IDL00741 Datasheet
262Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
More results

Similar Description - IDL00740

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
IDL00741 ITF-IDL00741 Datasheet
262Kb / 3P
   Usable bandwidth 5 MHz Rx. And Tx. band
IDD08072 ITF-IDD08072 Datasheet
132Kb / 3P
   Usable bandwidth 5 MHz each Rx And Tx. band
IDD08273 ITF-IDD08273 Datasheet
121Kb / 2P
   Usable bandwidth 5 MHz each Rx And Tx. band
IDL03439 ITF-IDL03439 Datasheet
156Kb / 3P
   Usable bandwidth 9 MHz Rx. And Tx. band
IDD17619 ITF-IDD17619 Datasheet
124Kb / 2P
   Usable bandwidth 10 MHz each Rx. And Tx. band
IDD08871 ITF-IDD08871 Datasheet
147Kb / 3P
   Usable bandwidth 25 MHz each Rx And Tx. band
IDD09175 ITF-IDD09175 Datasheet
134Kb / 3P
   Usable bandwidth 10 MHz each Rx And Tx. band
IDD09074 ITF-IDD09074 Datasheet
135Kb / 3P
   Usable bandwidth 25 MHz each Rx And Tx. band
IDD21367 ITF-IDD21367 Datasheet
124Kb / 2P
   Usable bandwidth 30 MHz each Rx. And Tx. band
IDD19409 ITF-IDD19409 Datasheet
214Kb / 3P
   Usable bandwidth 30 MHz each Rx. And Tx. band
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com