Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4202SB Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM4202SB
Description  5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4202SB Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM4202SB Datasheet HTML 1Page - RF Micro Devices RFFM4202SB Datasheet HTML 2Page - RF Micro Devices RFFM4202SB Datasheet HTML 3Page - RF Micro Devices RFFM4202SB Datasheet HTML 4Page - RF Micro Devices RFFM4202SB Datasheet HTML 5Page - RF Micro Devices RFFM4202SB Datasheet HTML 6Page - RF Micro Devices RFFM4202SB Datasheet HTML 7Page - RF Micro Devices RFFM4202SB Datasheet HTML 8Page - RF Micro Devices RFFM4202SB Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3 of 15
RFFM4202
DS120427
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Tx Performance - Generic
(continued)
T=25 °C, V
CC =5.0 V, V
REG=2.9V, using an IEEE802.11g
waveform, 54MBps, unless otherwise noted
Power Supply - VCC
55.25
V
Power Supply - VREG1, VREG2, VREG3
2.75
2.85
2.95
V
Turn-On Time from Setting of VREG
Values
400
nsec
Output stable to within 90% of final gain
Turn-Off Time from Setting of VREG
Values
800
nsec
Output stable to within 90% of final gain
Stability
-25
33.5
dBm
No spurs above -47dBm into 4:1 VSWR
CW P1dB
33.5
dBm
TX mode in 50% duty cycle
Rx Performance
Rx Insertion Loss - Rx
0.8
1
dB
Noise Figure
0.8
1
dB
In specified frequency band
Return Loss - Rx
10
16
dB
Rx to ANT Isolation While in Tx
Mode
30
dB
Rx to Tx Isolation While in Tx mode
25
30
dB
Generic Performance
T/R Switching Time
0.5
sec
Voltage Logic High
2.75
2.9
3.4
V
Voltage Logic Low
0
0.3
V
Control Current - Logic High
1
10
A
Thermal
RTH_I
15
°C/Watt
ESD
Human Body Model
250
V
EIAJESD22-114A, RF pins
500
V
EIAJESD22-114A, DC pins
Charge Device
500
V
JESD22-C101C, all pins
RFFM4202 Truth Table
Status
PDOWN
VTX
VRX
TX Mode
High
High
Low
RX Mode
Low
Low
High
Note: PDOWN and VTX can be tied together or controlled separately.
If they are controlled separately, VTX should be ‘On’ before PDOWN in
‘Turn On’, and PDOWN should ‘Off’ before VTX in ‘Turn Off’’
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.


Similar Part No. - RFFM4202SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200PCK-410 RFMD-RFFM4200PCK-410 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SB RFMD-RFFM4200SB Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SQ RFMD-RFFM4200SQ Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200SR RFMD-RFFM4200SR Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
More results

Similar Description - RFFM4202SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5605 RFMD-RF5605 Datasheet
1Mb / 17P
   5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM4200 RFMD-RFFM4200 Datasheet
1Mb / 15P
   3.3V TO 5.0V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM7600 RFMD-RFFM7600 Datasheet
1Mb / 12P
   5.0V, 2.5GHz TO 2.7GHz HIGH POWER FRONT END MODULE
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
RFFM4201 RFMD-RFFM4201 Datasheet
1Mb / 14P
   3.3V TO 5V, 2.4GHz TO 2.5GHz HIGH POWER FRONT END MODULE
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM4203 RFMD-RFFM4203 Datasheet
519Kb / 8P
   3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com