Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4203SR Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM4203SR
Description  3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4203SR Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM4203SR Datasheet HTML 1Page - RF Micro Devices RFFM4203SR Datasheet HTML 2Page - RF Micro Devices RFFM4203SR Datasheet HTML 3Page - RF Micro Devices RFFM4203SR Datasheet HTML 4Page - RF Micro Devices RFFM4203SR Datasheet HTML 5Page - RF Micro Devices RFFM4203SR Datasheet HTML 6Page - RF Micro Devices RFFM4203SR Datasheet HTML 7Page - RF Micro Devices RFFM4203SR Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5 of 8
RFFM4203
DS130510
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General Performance 3.3V and
5.0V
Control Current
C_RX and C_BT Current
0.5
1
μA
PA_EN Current
30
50
μA
Switch Control Speed
200
ns
PA_EN Control Impedance
5.2
M
Ω
LNA_EN Control Impedance
7.4
M
Ω
C_RX Control Impedance
27
M
Ω
C_BT Control Impedance
27
M
Ω
ESD
Human Body Model
500
V
EIA/JESD22-114A RF pins
1000
V
EIA/JESD22-114A DC pins
Charge Device Model
250
V
JESD22-C101C all pins
Thermal Resistance
RTH_I
46
˚C/W
Junction Temperature TJ
170
˚C
MTTF > 30 years
Maximum Input Power
12
dBm
Into 50
Ω, VCC = 3.3V, 25°C
Maximum Input Power
12
dBm
6:1 VSWR, VCC = 3.3V, 25°C
Maximum Input Power
5
dBm
10:1 VSWR, VCC = 3.3V, 25°C
Bluetooth (Both 3.3V and 5.0V)
Temperature = -10°C to +70°C, VDD = 3.3V, 5.0V,
C_BT = high, unless otherwise noted.
Input/Output Power
25
30
dBm
Insertion Loss
0.7
0.9
dB
BT Port Return Loss
-9.6
dB
ANT Port Return Loss
-9.6
dB
Isolation
ANT-BT; Tx Mode
18
dB
PA_EN = High, C_BT = Low, C_RX = Low, LNA_EN = Low
ANT-BT; Rx Gain Mode
25
dB
PA_EN = Low, C_BT = Low,C_RX = High, LNA_EN = High
ANT-BT; Rx Bypass Mode
20
dB
PA_EN = Low, C_BT = Low, C_RX = High, LNA_EN = Low
ANT-RX; Tx Mode
35
dB
PA_EN = High, C_BT = Low, C_RX = Low, LNA_EN = Low
ANT-RX; BT Mode
25
dB
PA_EN = Low, C_BT = High, C_RX = Low, LNA_EN = Low
ANT Port Return Loss
-9.6
dB
Switch Logic Control
Operating Mode
PA_EN
LNA_EN
C_RX
C_BT
Standby
Low
Low
Low
Low
802.11b/g/n/ Tx
High
Low
Low
Low
802.11b/g/n/ Rx Gain
Low
High
High
Low
802.11b/g/n/ Rx Bypass
Low
Low
High
Low
BT Rx/ Tx
Low
Low
Low
High
Note: High = 2.8V to VCC, Low = 0V to 0.2V.


Similar Part No. - RFFM4203SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4203SR QORVO-RFFM4203SR Datasheet
201Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
More results

Similar Description - RFFM4203SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4293 QORVO-RFFM4293 Datasheet
218Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4203 QORVO-RFFM4203 Datasheet
201Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM8205 QORVO-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8205 RFMD-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4204 RFMD-RFFM4204 Datasheet
254Kb / 9P
   WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com