Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4203PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM4203PCK-410
Description  3.0V TO 5.0V, 2.4GHz TO 2.5GHz 802.11b/g/n/ac WiFi FRONT END MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4203PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM4203PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM4203PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM4203PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM4203PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM4203PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM4203PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM4203PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM4203PCK-410 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 of 8
RFFM4203
DS130510
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions 3.3V
(continued)
Temperature = -10°C to +70°C, VCC = 3.3V,
PA_EN = high, POUT = 19dBm using a IEEE802.11n
MCS7 waveform unless otherwise noted.
Turn-on time from PA_EN edge
500
ns
Output stable to within 90% of final gain
Turn-off time from PA_EN edge
500
ns
Stability
-25
24
dBm
No spurs above -47dBm into 4:1 VSWR
CW P1dB
26
27
dBm
Tx mode in 50% Duty Cycle
Rx Performance
Temperature = -10°C to +70°C, VDD = 3.3V,
C_RX = high, LNA_EN = high
Gain
11
13
15
dB
NF
2.3
3
dB
In specified frequency band
RX Port Return Loss
-9.6
dB
ANT Port Return Loss
-4
dB
Input IP3
4
8
dBm
Input P1dB
-6
-2
dBm
IDD
10
15
mA
LNA_EN Control Current
30
50
μA
Rx Bypass Mode
Temperature = -10°C to +70°C, VDD = 3.3V,
C_RX = high, LNA_EN = low
Insertion Loss
-8.5
-7.5
-6.5
dB
RX Port Return Loss
-9.6
dB
ANT Port Return Loss
-4
dB
Input IP3
4
8
dB
Input P1dB
-6
-2
dBm
Typical Conditions 5.0V
Temperature = -10°C to +70°C, VCC = 5.0V,
PA_EN = high, POUT = 21.5dBm using a IEEE802.11n
MCS7 waveform unless otherwise noted.
Tx Performance - 11g/n/ac
Compliance with standard 802.11g/n/ac
Frequency
2412
2484
MHz
802.11n Output Power
21
21.5
dBm
802.11n HT20 and HT40 MCS7 at 25°C
11n Dynamic EVM
2.5
3
%
-32
-30.5
dB
802.11ac Output Power
17
18
dBm
802.11ac HT40 MCS9 at 25°C
11ac Dynamic EVM
1.8
%
-35
dB
Tx Performance - Spectral Mask
802.11n output power
22
dBm
802.11n HT20 and HT40 MCS7 at 25°C
802.11b output power
26
dBm
Meet 802.11b DSSS 1Mbps spectral mask


Similar Part No. - RFFM4203PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4203PCK-410 QORVO-RFFM4203PCK-410 Datasheet
201Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
More results

Similar Description - RFFM4203PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4293 QORVO-RFFM4293 Datasheet
218Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4203 QORVO-RFFM4203 Datasheet
201Kb / 9P
   3.0V to 5.0V, 2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM8205 QORVO-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8205 RFMD-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4204 RFMD-RFFM4204 Datasheet
254Kb / 9P
   WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com