Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4501TR7 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM4501TR7
Description  3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4501TR7 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM4501TR7 Datasheet HTML 1Page - RF Micro Devices RFFM4501TR7 Datasheet HTML 2Page - RF Micro Devices RFFM4501TR7 Datasheet HTML 3Page - RF Micro Devices RFFM4501TR7 Datasheet HTML 4Page - RF Micro Devices RFFM4501TR7 Datasheet HTML 5Page - RF Micro Devices RFFM4501TR7 Datasheet HTML 6Page - RF Micro Devices RFFM4501TR7 Datasheet HTML 7Page - RF Micro Devices RFFM4501TR7 Datasheet HTML 8Page - RF Micro Devices RFFM4501TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4 of 11
RFFM4501
DS130510
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Typical Conditions 5.0V
Temperature = -10°C to +70°C, VCC= 5.0V,
PA_EN=2.9V, POUT=20dBm, using an
IEEE802.11n MCS7 waveform unless otherwise
noted.
Tx Performance - 11a/n/ac
Compliance with standard 802.11a/n/ac
Frequency
5150
5850
MHz
802.11n Output Power
20
21
dBm
802.11n HT20 and HT40 MCS7
11n Dynamic EVM
2.5
3
%
-32
-30.5
dB
802.11n Output Power - Extended
19
dBm
Temperature = -40°C to +85°C
11n Dynamic EVM - Extended
2.5
3
%
-32
-30.5
dB
802.11ac Output Power
17
dBm
802.11ac HT40 and HT80 MCS9
11ac Dynamic EVM
1.8
%
-35
dB
802.11n Output Power
20
21
dBm
Meet IEEE HT40 MCS7 Spectral Mask
Frequency
4900
5150
MHz
802.11n Output Power
20
dBm
802.11n HT20 and HT40 MCS7
11n Dynamic EVM
2.5
3
%
-32
-30.5
dB
Second Harmonic
-45
-43
dBm/MHz 4.9GHz to 5.85GHz, POUT = 20dBm, 6Mbps
802.11a
Third Harmonic
-45
-41
dBm/MHz
General TX Performance
Gain
23
26
30
dB
5.15GHz to 5.35GHz
26
28
31
dB
5.35GHz to 5.825GHz
Gain variation over Temp
-2
2
dB
Power Detect Voltage
0.35
0.375
0.4
V
RF = off
0.8
0.90
0.95
V
POUT = 20dBm
Power Detect Accuracy
-1.5
1.5
dB
At rated power; over voltage and process up to 3:1
VSWR
Input Return Loss - TX_IN pin
-8
-6
dB
In specified frequency band
Output Return Loss at ANT pin
-15
-10
dB
Operating Current
290
320
mA
At rated 11n POUT
Quiescent Current
200
220
mA
Nominal Conditions, No RF applied
Leakage Current
25
μAVCC = 5V, PA_EN = low, C_RX = low, LNA_EN = low
Power Supply - VCC
5V
VCONTROL High (PA_EN, C_RX, LNA_EN) for
both TX and RX modes
2.8
2.9
VCC
V
For best performance at VCC = 5.0V, PA_EN
should be set to 2.9V
VCONTROL Low (PA_EN, C_RX, LNA_EN)
for both TX and RX modes
0
0.2
V
Turn-on time from PA_EN edge
500
ns
Output stable to within 90% of final gain
Turn-off time from PA_EN edge
500
ns
Stability
-25
24
dBm
No spurs above -47dBm into 4:1 VSWR
CW P1dB
28
dBm
Tx mode in 50% Duty Cycle
Rx Performance
Temperature = -10°C to +70°C, VDD = 5.0V,
C_RX = high, LNA_EN = high
Gain
11
12.5
13
dB
Gain - Extended
8
12.5
16
dB
Temperature = -40°C to +85°C


Similar Part No. - RFFM4501TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4501TR7 QORVO-RFFM4501TR7 Datasheet
662Kb / 11P
   3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
More results

Similar Description - RFFM4501TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4501 QORVO-RFFM4501 Datasheet
662Kb / 11P
   3.0V TO 5.0V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM4591 QORVO-RFFM4591 Datasheet
574Kb / 8P
   3.0V TO TO 3.6V, 4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4501E RFMD-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com