Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RRE07VSM4S Datasheet(PDF) 1 Page - Rohm

Part # RRE07VSM4S
Description  Rectifier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRE07VSM4S Datasheet(HTML) 1 Page - Rohm

  RRE07VSM4S Datasheet HTML 1Page - Rohm RRE07VSM4S Datasheet HTML 2Page - Rohm RRE07VSM4S Datasheet HTML 3Page - Rohm RRE07VSM4S Datasheet HTML 4Page - Rohm RRE07VSM4S Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Rectifier Diode
RRE07VSM4S
Series
Dimensions (Unit : mm)
Land size figure (Unit : mm)
Standard Rectifier
Application
General rectification
Features
Structure
1) Low forward voltage
2) Small mold type
(TUMD2SM)
Taping specifications (Unit : mm)
Construction
Absolute maximum ratings (T
l = 25°C)
Unit
Repetitive peak reverse voltage
V
Reverse voltage
V
A
Operating junction temperature
°C
Storage temperature
°C
Electrical characteristics (T
j = 25°C)
Min.
Typ.
Max.
Unit
Forward voltage
-
0.97
1.1
V
Reverse current
-
0.01
1
A
Silicon epitaxial planar type
150
55 to 150
IFSM
Tj
Tstg
60Hz half sin wave , Non-repetitive at Tj=25°C
Average current
VRM
VR
Symbol
Conditions
Duty ≦0.5
VF
IR
Conditions
IF=0.7A
VR=400V
Parameter
Non-repetitive forward surge current
A
Parameter
Io
Symbol
Limits
400
400
2
0.7
Direct voltage
On glass epoxy substrate,
Tl=118°C
60Hz half sin wave , Resistive load
anode
cathode
TUMD2SM
ROHM : TUMD2SM
dot (year week factory) + day
1.1
1.40±0.10
0.80±0.05
0.60
0.17
0~0.10
0.20
0.10
0.10
0.05
1/4
2015.04 - Rev.B


Similar Part No. - RRE07VSM4S

ManufacturerPart #DatasheetDescription
logo
Rohm
RRE07VSM4S ROHM-RRE07VSM4S Datasheet
597Kb / 8P
   Rectifier Diode
RRE07VSM4S ROHM-RRE07VSM4S_15 Datasheet
597Kb / 8P
   Rectifier Diode
More results

Similar Description - RRE07VSM4S

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com