Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM4503PCK-410 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM4503PCK-410
Description  4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM4503PCK-410 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM4503PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM4503PCK-410 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Revision DS20150520
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
2 of 9
RFFM4503
RFMD + TriQuint = Qorvo
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage
-0.5 to +5.5
VDC
PA Enable Voltage
-0.5 to 5
VDC
Operating Temperature Range
-40 to +85
ºC
Storage Temperature
-40 to +150
ºC
Maximum TX Input Power into 50Ω Load for 802.11a/n/ac (No Damage)
+5
dBm
Moisture Sensitivity
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Parameter
Operating Frequency
5.150
5.850
GHz
Extended Frequency
4.900
5.150
GHz
Functional with reduced performance
Operating Temperature Range
-40
+85
ºC
Power Supply VCC
3.0
3.3
4.2
V
Control Voltage-High
2.8
3.1
VCC
V
For PA_EN, LNA_EN, CRX control lines
Control Voltage-Low
0
0.2
V
Package Size
2.9 x 2.9
x 0.9
3.0 x 3.0
x 0.975
3.1 x 3.1 x
1.05
mm
Length x Width x Height
Transmit (TX-ANT)
VCC = 3.3V, T = +25ºC
f = 5.15GHz - 5.85 GHz
PA_EN = High, LNA_EN = Low, CRX = Low
Unless otherwise noted
802.11ac MCS9 HT80 Output Power
16.5
17.5
dBm
T = 25ºC, VCC = 3.3V, 5.15GHz – 5.85GHz
802.11ac MCS9
Dynamic EVM Compliance
1.5
1.8
%
-36.5
-35.0
dB
802.11ac MCS7 HT20 Output Power
18.0
19.0
dBm
T = 25ºC, VCC = 3.3V, 5.15GHz – 5.85GHz
802.11ac MCS7
Dynamic EVM Compliance
2.5
3.0
%
-32.0
-30.5
dB
802.11ac MCS0 Output Power
Spectral Mask Compliance
21.0
dBm
T = 25ºC, VCC = 3.3V, HT20
20.0
dBm
T = 25ºC, VCC = 3.3V, HT40, HT80
Large Signal Gain
27.5
29.5
dB
T = 25ºC, VCC = 3.3V
25.0
26.5
dB
T = 85ºC, VCC = 3.3V
Gain Flatness Over Full Frequency band
-1.5
1.5
dB
T = 25ºC, VCC = 3.3V
TX Port Return Loss
9
15
dB
ANT Port Return Loss
15
20
dB


Similar Part No. - RFFM4503PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4503PCK-410 QORVO-RFFM4503PCK-410 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
More results

Similar Description - RFFM4503PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM4503 QORVO-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4551 QORVO-RFFM4551 Datasheet
135Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4552 QORVO-RFFM4552 Datasheet
207Kb / 2P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM4551 RFMD-RFFM4551 Datasheet
338Kb / 10P
   4.9GHz to 5.925GHz 802.11a/n/ac Wi-Fi Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com