Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM5765QPCBA-410 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFFM5765QPCBA-410
Description  Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM5765QPCBA-410 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFFM5765QPCBA-410 Datasheet HTML 7Page - RF Micro Devices RFFM5765QPCBA-410 Datasheet HTML 8Page - RF Micro Devices RFFM5765QPCBA-410 Datasheet HTML 9Page - RF Micro Devices RFFM5765QPCBA-410 Datasheet HTML 10Page - RF Micro Devices RFFM5765QPCBA-410 Datasheet HTML 11Page - RF Micro Devices RFFM5765QPCBA-410 Datasheet HTML 12Page - RF Micro Devices RFFM5765QPCBA-410 Datasheet HTML 13Page - RF Micro Devices RFFM5765QPCBA-410 Datasheet HTML 14Page - RF Micro Devices RFFM5765QPCBA-410 Datasheet HTML 15Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11 of 15
RFFM5765Q
DS121126
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
WiFi and Bluetooth Receive (Simultaneous Mode)
The RFFM5765Q WiFi and Bluetooth receive circuits were specifically designed to address issues of simultaneous operation.
In this mode both signals can be received at the same time when the C_BWRX (pin-5) is set high. The typical gain for each RF
path is approximately 13dB and a NF of 3dB. During simultaneous mode the active components are the LNA, the SPST switch,
and only the Rx branch of the SP3T. Refer to the logic control table for proper settings.
Simultaneous Mode Biasing Instructions
• Connect the RF input (ANT/pin-10) to a signal generator and a spectrum analyzer at the Rx (pin-3) and BT (pin-8) RF ports. A multiport VNA
may be used as well.
• Turn the LNA bias ON (pin-4) and set the voltage to 3.3V.
• Set C_RX and C_BWRX high. This turns ON the receive branch of the SP3T and the SPST switch.
• The SP3T controls for the off branches (VREG and C_BT) must be set to a logic “low” (0.2V max) or grounded. In the event that one of these
branches is left floating or in a logic “high” the performance will degrade. It is recommended to terminate unused RF Ports in 50Ω.
•Turn RF ON.
Bluetooth Mode
The RFFM5765Q Bluetooth only mode is implemented through the SP3T switch by setting C_BT “high.” Typical insertion loss is
about 1.2dB.
Bluetooth Biasing Instructions
• Connect the RF input (ANT/pin-10) to a signal generator and a spectrum analyzer at the BT RF port. A VNA may be used in place of the Sig
Gen and SA.
• Set C_BT (pin-9) “high.” This turns the Bluetooth branch of the SP3T switch ON.
• The SP3T controls for the off branches (VREG and C_RX) must be set to a logic “low” (0.2V max) or grounded. Do not leave floating.
• Terminate unused RF Ports in 50Ω.
•Turn RF ON.
Application Circuit and Layout Recommendations
The RFFM5765Q integrates the matching networks and DC blocking capacitors for all RF ports. This greatly reduces the num-
ber of external components and layout area needed to implement this FEM. Typically only a total of four external components
are required to achieve nominal performance. However, depending on board layout and the many noise signals that could
potentially couple to the RFFM5765Q, additional bypassing capacitors may be required to properly filter out unwanted signals
that might degrade performance.
The LNA bias components consist of an inductor and a decoupling capacitor. The inductor value is critical to optimize NF and
return loss at the Rx output. For best performance and trade off between critical parameters such as NF, Gain, and IP3, the
total inductance including board trace should be approximately 1.2nH. The 5.6kΩ series resistor for the Bluetooth control line
helps to prevent unwanted signal from coupling to this pin. The resistor should be place as close as possible to the package
pin. The last component needed in the application circuit is a low frequency bypass capacitor on the VCC line. In general, it is
good RF practice to have proper decoupling of supply lines to filter out noise. Occasionally, depending on the level of coupling
or parasitics of the board, a high frequency bypass capacitor must be added as well.
In order to optimize performance for both the transmit and receive paths, a good layout design must be implemented. In addi-
tion to designing 50
 RF lines, proper grounding along the RF traces and on the FEM ground slug must be exercised. This will
minimize coupling and provide good thermal dissipation when the PA is operating at high power. For reference, the RFMD eval-
uation board uses 9 thermal ground vias (hole/capture pad 12/22mil) on the ground slug. Additionally, if space permitted, VCC
and control lines must be isolated from each other with ground vias in between them. RFMD evaluation board gerbers are
available upon request.


Similar Part No. - RFFM5765QPCBA-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM5765QPCK-410 QORVO-RFFM5765QPCK-410 Datasheet
898Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
More results

Similar Description - RFFM5765QPCBA-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM5765Q QORVO-RFFM5765Q Datasheet
898Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
RFFM8250Q QORVO-RFFM8250Q Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
logo
RF Micro Devices
RFFM8250Q RFMD-RFFM8250Q Datasheet
272Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com