Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6201SQ Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6201SQ
Description  2.0V TO 3.6V, 2.4GHZ FRONT END MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6201SQ Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6201SQ Datasheet HTML 1Page - RF Micro Devices RFFM6201SQ Datasheet HTML 2Page - RF Micro Devices RFFM6201SQ Datasheet HTML 3Page - RF Micro Devices RFFM6201SQ Datasheet HTML 4Page - RF Micro Devices RFFM6201SQ Datasheet HTML 5Page - RF Micro Devices RFFM6201SQ Datasheet HTML 6Page - RF Micro Devices RFFM6201SQ Datasheet HTML 7Page - RF Micro Devices RFFM6201SQ Datasheet HTML 8Page - RF Micro Devices RFFM6201SQ Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RFFM6201
DS130327
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Tx Path (continued)
2nd harmonic level
-45
-42
dBm/MHz At rated power, 802.15.4 OQPSK, all conditions
3rd harmonic level
-45
-42
dBm/MHz At rated power, 802.15.4 OQPSK, all conditions
4rd harmonic level
-45
-42
dBm/MHz At rated power, 802.15.4 OQPSK, all conditions
5th harmonic level
-45
-42
dBm/MHz At rated power, 802.15.4 OQPSK, all conditions
VSWR Stability and load mismatch
susceptibility
4:1
VSWR No damage
8:1
Gain settling time
1
10
μS
Amplitude imbalance
-1
1
dB
Phase imbalance
-15
15
deg
Rx Path to LNA Mode
Nominal Conditions: T= 25°C, VBATT= 3.3,
Control Voltage= VBATT -0.2V unles otherwise noted
Frequency
2405
2480
MHz
Gain
8
9
dB
Noise Figure
3
dB
Nominal Conditions
Current
3.2
5
mA
IIP3
4
8
dBm
Across all voltage and temperature conditions
Gain flatness
-0.3
0.3
dB
Input return loss
12
15
dB
Output return loss
12
dB
Pins 5, 6 (RFN, RFP) 100
Ω differential
Balanced output impedance
100
Ω
Amplitude imbalance
-1
1
dB
Phase imbalance
-15
15
deg
Rx Path to Bypass Mode
Frequency
2405
2480
MHz
In-band attenuation/noise figure
6
dB
SW 1dB, Bypass 3.5dB, Balun 1.5dB
Current
200
μA
IIP3
17
25
dBm
Across all voltage and temperature conditions
Gain flatness
-0.5
0.5
dB
Input return loss
18
dB
Output return loss
10
dB
Pins 5, 6 (RFN, RFP) 100
Ω differential
Amplitude imbalance
-1
1
dB
Phase imbalance
-15
15
deg
Maximum input power
10
dBm
Antenna Switch
RF-to-Control Isolation
50
dB
RF-to-ANT Isolation
17
20
dB
RF-to-RF Isolation
18
20
dB
T/R switching time
1
μS
Logic
Logic Level "High"
VBATT - 0.3 VBATT - 0.2
VBATT
V
Logic Level "Low"
0
0.2
V
Input Source Current Logic Level
"High"
100
130
μA
Input Source Current Logic Level
"Low"
1
μA
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.


Similar Part No. - RFFM6201SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
Qorvo, Inc
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204PCK-410 RFMD-RFFM6204PCK-410 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
Qorvo, Inc
RFFM6204PCK-410 QORVO-RFFM6204PCK-410 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204SB RFMD-RFFM6204SB Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
More results

Similar Description - RFFM6201SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RF6555 QORVO-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
logo
RF Micro Devices
RF6555 RFMD-RF6555 Datasheet
727Kb / 10P
   2.0V TO 3.6V, 2.4GHz FRONT END MODULE
logo
Qorvo, Inc
RFFM6205 QORVO-RFFM6205 Datasheet
353Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6204 QORVO-RFFM6204 Datasheet
571Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
logo
RF Micro Devices
RFFM6204 RFMD-RFFM6204 Datasheet
303Kb / 9P
   2.0V to 4.0V, 2.4GHz Front End Module
RFFM6205 RFMD-RFFM6205 Datasheet
296Kb / 8P
   2.0V to 4.0V, 2.4GHz Front End Module
RF6545 RFMD-RF6545 Datasheet
1Mb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6575 RFMD-RF6575 Datasheet
837Kb / 9P
   3.0V TO 3.6V, 2.4GHz FRONT END MODULE
RF6525 RFMD-RF6525 Datasheet
1Mb / 11P
   3.0V TO 4.2V, 2.4GHz FRONT END MODULE
RF6535 RFMD-RF6535 Datasheet
1,001Kb / 8P
   3.0V to 4.2V, 2.4GHz Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com