Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-106 Datasheet(PDF) 2 Page - Tyco Electronics

Part # FM-106
Description  Broadband Frequency Doubler, 400 - 6000 MHz Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FM-106 Datasheet(HTML) 2 Page - Tyco Electronics

  FM-106 Datasheet HTML 1Page - Tyco Electronics FM-106 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Broadband Frequency Doubler, 400 - 6000 MHz Output
FM-106
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Typical Performance Curves
Conversion Loss
Conversion Loss vs. Input Power
Spurious Response
Ordering Information
Part Number
Package
FM-106 PIN
FP-2
Spurious Response
Spurious Response
9
11
13
15
17
19
100
200
500
800
1000
1500
2000
2500
3000
3500
Input Frequency (MHz)
8
10
12
14
16
18
20
0
4
8
12
16
20
Input Power (dBm)
18
20
22
24
26
28
100
200
500
800
1000 1500 2000 2500 3000
3500
Output Frequency (MHz)
25
30
35
40
45
50
300
1500
3000
6000
9000
10500
Output Frequency (MHz)
10
15
20
25
30
400
2000
4000
8000
12000
14000
Output Frequency (MHz)


Similar Part No. - FM-106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM-1000-50 ETC2-FM-1000-50 Datasheet
32Kb / 1P
   DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
logo
rfsolutions.ltd
FM-103C15-433NB RFSOLUTIONS-FM-103C15-433NB Datasheet
75Kb / 4P
   RADIO TRANSMITTER ENCODERS
FM-103C15-458NB RFSOLUTIONS-FM-103C15-458NB Datasheet
75Kb / 4P
   RADIO TRANSMITTER ENCODERS
FM-103C15433 RFSOLUTIONS-FM-103C15433 Datasheet
75Kb / 4P
   RADIO TRANSMITTER ENCODERS
FM-103C4-433 RFSOLUTIONS-FM-103C4-433 Datasheet
75Kb / 4P
   RADIO TRANSMITTER ENCODERS
More results

Similar Description - FM-106

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FM-107 MACOM-FM-107 Datasheet
216Kb / 3P
   Broadband Frequency Doubler, 10 - 4800 MHz Output
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
FM-107 MA-COM-FM-107 Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
logo
Skyworks Solutions Inc.
SKY67183-396LF SKYWORKS-SKY67183-396LF Datasheet
2Mb / 14P
   400 to 6000 MHz Broadband Low-Noise Amplifier
January 9, 2020
SKY67189-396LF SKYWORKS-SKY67189-396LF Datasheet
913Kb / 10P
   400 to 6000 MHz Broadband Low-Noise Amplifier
February 21, 2020
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
logo
BeRex Corporation
BBA02 BEREX-BBA02 Datasheet
1Mb / 21P
   40-6000 MHz BroadBand AMP
BBA02 BEREX-BBA02_18 Datasheet
1Mb / 21P
   40-6000 MHz BroadBand AMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com