Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-107 Datasheet(PDF) 3 Page - Tyco Electronics

Part # FM-107
Description  Broadband Frequency Doubler, 10 - 4800 MHz Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FM-107 Datasheet(HTML) 3 Page - Tyco Electronics

  FM-107 Datasheet HTML 1Page - Tyco Electronics FM-107 Datasheet HTML 2Page - Tyco Electronics FM-107 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Broadband Frequency Doubler, 10 - 4800 MHz Output
FM-107/FM-108/FMS-109
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
Spurious Response: F3 Suppression
Conversion Loss vs. Input Freq.
Spurious Response: F1 Suppression
3
Loss as a Quadrupler
6
8
10
12
14
16
18
0.00
0.05
0.25
0.75
1.25
1.75
2.10
2.40
3.00
Input Frequency (GHz)
10
15
20
25
30
35
40
0.20
2.00
4.00
6.00
8.00
Frequency (GHz)
15
20
25
30
35
40
45
50
0.00
0.10
1.00
1.50
2.00
2.20
2.75
Input Frequency (GHz)
0
10
20
30
40
50
60
70
Frequency (GHz)
Ordering Information
Part Number
Package
FM-107
Hermetic Flatpack Package (FP-2)
FM-108
Hermetic Package (TO-8-1)
FMS-109
Hermetic Surface Mount package (SF-1)


Similar Part No. - FM-107

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
FM-107 MA-COM-FM-107 Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
FM-107-PIN MA-COM-FM-107-PIN Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
More results

Similar Description - FM-107

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
FM-107 MA-COM-FM-107 Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
logo
Tyco Electronics
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
   Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
logo
Tyco Electronics
FM-105 MACOM-FM-105 Datasheet
202Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
M/A-COM Technology Solu...
FM-105 MA-COM-FM-105 Datasheet
53Kb / 2P
   Plug-In Frequency Doubler, 20 - 1500 MHz Output
logo
Mallory Sonalert Produc...
PT-1250WQ MSPI-PT-1250WQ Datasheet
85Kb / 1P
   Resonant Frequency (Hz) 4800 짹 500
logo
M/A-COM Technology Solu...
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
   Frequency Doubler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com