Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6404TR13 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM6404TR13
Description  2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6404TR13 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM6404TR13 Datasheet HTML 1Page - RF Micro Devices RFFM6404TR13 Datasheet HTML 2Page - RF Micro Devices RFFM6404TR13 Datasheet HTML 3Page - RF Micro Devices RFFM6404TR13 Datasheet HTML 4Page - RF Micro Devices RFFM6404TR13 Datasheet HTML 5Page - RF Micro Devices RFFM6404TR13 Datasheet HTML 6Page - RF Micro Devices RFFM6404TR13 Datasheet HTML 7Page - RF Micro Devices RFFM6404TR13 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140721
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFFM6404
Absolute Maximum Ratings
Parameter
Rating
Unit
Voltage
5.25
V
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
-40 to +85
°C
Receive RF Input Power (SAW2)
+25
dBm
Transmit RF Input Power (PA Enabled)
+15
dBm
Receive RF Input Power (ANT)
+33
dBm
T/R Port Load VSWR in Transmit Mode
10:1
ESD, HBM
500
V
ESD, CDM
1000
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Frequency
430
450
MHz
RF Port Impedance
50
Operating Voltage
2.5
4.2
4.5
V
VCCTX & VCCRX
VAPC (Tx Output Power Control)
0.0
2.7
3.0
V
VAPC operates such that the transmitter output power is saturated at a level
lower than 1.9V and minimal variation in output power of the device occurs
above that level
Leakage Current
RF:Off, VCCTX=4.2V, VCCRX=4.2V,
VAPC=0.0V, EN=0.0V, TR=0.0V, BYP=0.0V, Temperature=25ºC
Total FEM Leakage Current
0.1
1.0
µA
ICCTX + ICCRX
Transmit High Power Mode
Measured Path: TX to ANT, VCCTX=4.2V, VCCRX=4.2V,
VAPC=2.7V, EN=1.8V, TR=1.8V, BYP=0.2V, Temperature=25ºC
Gain
25.5
26.5
dB
VCCTX=4.2V, PIN=+3dBm
21.5
22.5
dB
VCCTX=2.7V, PIN=+3dBm
Output Power
29.5
dBm
VCCTX=4.2V, PIN=+3dBm
27.5
dBm
VCCTX=3.6V, PIN=+3dBm
24.5
25.5
dBm
VCCTX=2.7V, PIN=+3dBm
Output Power Variation
-0.4
-0.4
dB
VCCTX=4.2V, PIN=+3dBm, Over frequency and control voltage
Output P3dB
29
dBm
VCCTX=4.2V
Operating Current
350
mA
VCCTX=4.2V, POUT=27.5dBm, ICCTX
450
600
mA
VCCTX=4.2V, PIN =+3dBm, ICCTX
Quiescent Current
100
mA
ICCTX, RF = Off
Second Harmonic
-30
dBc
POUT=27.5dBm
-50
dBc
POUT=27.5dBm, with harmonic filter
Third – Fourth Harmonic
-40
dBc
POUT=27.5dBm
-60
dBc
POUT=27.5dBm, with harmonic filter
Fifth – Tenth Harmonic
-60
dBc
POUT=27.5dBm
-60
dBc
POUT=27.5dBm, with harmonic filter
Module PAE
45
%
VCCTX=4.2V, POUT=29.5dBm (takes into account filter and switches)


Similar Part No. - RFFM6404TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6404TR13 QORVO-RFFM6404TR13 Datasheet
377Kb / 8P
   2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
More results

Similar Description - RFFM6404TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6404 QORVO-RFFM6404 Datasheet
377Kb / 8P
   2.5V to 4.5V, ISM Band, 27.5dBm, 430MHz to 450MHz Transmit/Receive Module
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
   2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6406 RFMD-RFFM6406 Datasheet
564Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com