Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6900TR13 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6900TR13
Description  2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6900TR13 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6900TR13 Datasheet HTML 1Page - RF Micro Devices RFFM6900TR13 Datasheet HTML 2Page - RF Micro Devices RFFM6900TR13 Datasheet HTML 3Page - RF Micro Devices RFFM6900TR13 Datasheet HTML 4Page - RF Micro Devices RFFM6900TR13 Datasheet HTML 5Page - RF Micro Devices RFFM6900TR13 Datasheet HTML 6Page - RF Micro Devices RFFM6900TR13 Datasheet HTML 7Page - RF Micro Devices RFFM6900TR13 Datasheet HTML 8Page - RF Micro Devices RFFM6900TR13 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Revision DS20150610
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com
3 of 12
RFFM6900
RFMD + TriQuint = Qorvo
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit High Power Mode
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 0.0V, VAPC = 2.25V, EN =
1.8V, TR = 1.8V, BYP = 0.2V, Measured Path = TX to ANT, Temperature = 25ºC
Output Return Loss
15
20
dB
Operating Current
650
700
mA
POUT = 30.5dBm, ICC TX1 + Iµ TX2
Quiescent Current
120
mA
ICC TX1 + ICC TX2, RF = Off
Quiescent Current (IDD)
7
mA
Quiescent Current (ICC_RX)
11.5
μA
IDD
13
mA
POUT = 30.5dBm
Second Harmonic
-40
-30
dBc
POUT = 30.5dBm
Third - Tenth Harmonic
-63
-60
dBc
POUT = 30.5dBm
Gain
20
dB
VCCTx1, VCCTx2 = 3.6V, PIN = +10dBm
18
dB
VCCTx1, VCCTx2 = 2.7V, PIN = +10dBm
Module PAE
47
%
VCCTx1, VCCTx2 = 3.6V, POUT = 30.5dBm, T=25ºC
(take into account filter and switches)
Transmit Bypass Mode
VCCTx1 = 3.6V, VCCTx2 = 3.6V, VDD = 3.6V, VCCRx = 0.0V, VAPC = 0.0V, EN =
1.8V, TR = 1.8V, BYP = 1.8V, Measured Path = TX to ANT, Temperature = 25ºC
Insertion Loss
2.0
2.7
dB
PIN = +5dBm
Input P1dB
27
28
dBm
Input IP3
41
dBm
Input Return Loss
18
dB
Output Return Loss
13.5
dB
Second Harmonic Attenuation
-46
dB
PIN = +12dBm, Second Harmonic Insertion Loss
Third - Tenth Harmonic
-47
dB
PIN = +12dBm, Third - Tenth Harmonic Insertion Loss
Receive Mode
VCCTx1 = 3.3V, VCCTx2 = 3.3V, VDD = 3.3V, VCCRx = 3.3V, VAPC = .0V, EN =
1.8V, TR = 0.2V, BYP = 0.2V, Measured Path = SAW2 to RX, Temperature =
25ºC
IP1dB
-2.5
dBm
Gain
14.5
15.5
16.0
dB
Current
4
5
6
mA
IDD
150
μA
Noise Figure
1.7
2.0
dB
IIP3
1.4
3.0
dBm
Input Return Loss
18
dB
Output Return Loss
10
dB


Similar Part No. - RFFM6900TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6900TR13 QORVO-RFFM6900TR13 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
More results

Similar Description - RFFM6900TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
   2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
   2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
logo
Qorvo, Inc
RF6559 QORVO-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
RFFM6406 QORVO-RFFM6406 Datasheet
440Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
RF Micro Devices
RFFM6406 RFMD-RFFM6406 Datasheet
564Kb / 8P
   2.5V to 4.2V, ISM Band, 1 1/2W, 408MHz to 455MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com