Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6901TR13 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFFM6901TR13
Description  2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6901TR13 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFFM6901TR13 Datasheet HTML 5Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 6Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 7Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 8Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 9Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 10Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 11Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 12Page - RF Micro Devices RFFM6901TR13 Datasheet HTML 13Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11 of 13
RFFM6901
DS120803
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Plots
27
28
29
30
31
32
33
34
35
36
15
17
19
21
23
25
27
29
31
P
OUT (dBm)
PA Gain (dB)versus P
OUT (dBm)
PA V
CC and VCCDIG = 4V; LNA VCC = 0V
CTL1, CTL4, and CTL5 = 3.8V; CTL2 and CTL3 = 0V; High Bias Mode
Freq = 915MHz; Temp = 40°C, 25°C, and 85°C
40°C
25°C
85°C
30
30.5
31
31.5
32
32.5
33
33.5
34
34.5
35
15
17
19
21
23
25
27
29
31
P
OUT (dBm)
PA Gain (dB) versus P
OUT (dBm)
PA V
CC and VCCDIG =4V; LNAVCC = 0V
CTL1, CTL4, and CTL5 = 3.8V; CTL2 and CTL3 = 0V; High Bias Mode
Freq = 902MHz, 915MHz, and 928MHz; Temp=25°C
902MHz
915MHz
928MHz
25
26
27
28
29
30
31
32
33
34
15
17
19
21
23
25
27
29
31
P
OUT (dBm)
PA Gain (dB)versus P
OUT (dBm)
PA V
CC and VCCDIG =4V; LNA VCC = 0V
CTL1 and CTL4 = 3.8V; CTL2, CTL3, and CTL5 = 0V; Low Bias Mode
Freq = 915MHz; Temp = 40°C, 25°C, and 85°C
40°C
25°C
85°C
27
28
29
30
31
32
33
34
15
17
19
21
23
25
27
29
31
P
OUT (dBm)
PA Gain (dB) versus P
OUT (dBm)
PA V
CC and VCCDIG =4V; LNAVCC = 0V
CTL1 and CTL4 = 3.8V; CTL2, CTL3, and CTL5 = 0V; Low Bias Mode
Freq = 902MHz, 915MHz, and 928MHz; Temp = 25°C
902MH
915MH
928MH
30
30.5
31
31.5
32
32.5
33
33.5
34
34.5
35
860
870
880
890
900
910
920
930
940
Freq (MHz)
PA Gain (dB) versusFrequency (MHz)
PA V
CC and VCCDIG = 4V; LNA VCC = 0V
CTL1, CTL4, and CTL5 = 3.8V; CTL2 and CTL3 = 0V; High Bias Mode
Freq = 915MHz; P
OUT = 30dBm
40°C
25°C
85°C
27
28
29
30
31
32
33
34
860
870
880
890
900
910
920
930
940
P
OUT (dBm)
PA Gain(dB) versusFrequency (dBm)
PA V
CC and VCCDIG =4V; LNAVCC = 0V
CTL1 and CTL4 = 3.8V; CTL2, CTL3, and CTL5 = 0V; Low Bias Mode
Freq = 915MHz; P
OUT =27dBm
40°C
25°C
85°C


Similar Part No. - RFFM6901TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6901TR13 QORVO-RFFM6901TR13 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
More results

Similar Description - RFFM6901TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
RF Micro Devices
RFFM6904 RFMD-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
   3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6907 RFMD-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6907 QORVO-RFFM6907 Datasheet
588Kb / 9P
   2.8V to 4.0V, 915MHz Transmit/Receive Module
logo
RF Micro Devices
RF6559 RFMD-RF6559 Datasheet
692Kb / 10P
   4.0V TO 4.5V, 915MHZ ISM BAND TRANSMIT/RECEIVE MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com