Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6904SR Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM6904SR
Description  3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6904SR Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM6904SR Datasheet HTML 1Page - RF Micro Devices RFFM6904SR Datasheet HTML 2Page - RF Micro Devices RFFM6904SR Datasheet HTML 3Page - RF Micro Devices RFFM6904SR Datasheet HTML 4Page - RF Micro Devices RFFM6904SR Datasheet HTML 5Page - RF Micro Devices RFFM6904SR Datasheet HTML 6Page - RF Micro Devices RFFM6904SR Datasheet HTML 7Page - RF Micro Devices RFFM6904SR Datasheet HTML 8Page - RF Micro Devices RFFM6904SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 10
RFFM6904
DS120605
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
All units in
m.
Pin A = 510 x 475
Pin B = 510 x 510
Pin C = 475 x 510


Similar Part No. - RFFM6904SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
More results

Similar Description - RFFM6904SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
RF Micro Devices
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
   3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
   2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
RF Micro Devices
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
   2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com