Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM6904PCK-410 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM6904PCK-410
Description  3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM6904PCK-410 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM6904PCK-410 Datasheet HTML 1Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 2Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 3Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 4Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 5Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 6Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 7Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 8Page - RF Micro Devices RFFM6904PCK-410 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3 of 10
RFFM6904
DS120605
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Power Amplifier, cont.
Efficiency
40
%
33.5dBm output, PA VCC1 = PA VCC2 = PA BIAS
= 4.0V, 2.85V VREG
Input Return Loss
9
dB
Output Spurious
-70
dBc
Stability
10:1
All phase angles
7:1
All phase angles, -40°C
Current
Operating
750
1000
mA
33.5dBm output, PA VCC1 = PA VCC2 = PA BIAS
= 4.0V, 2.85V VREG
Bias Only
200
mA
Idle current, no RF at input
IREG
26
mA
Leakage Current
0.1
0.9
AOver VCC, Frequency, and Temperature
Transmit/Receive Switch
Frequency Range
868
902 to 928
MHz
Insertion Loss
TX to ANT1 or ANT2
0.85
1.4
dB
RX to ANT1 or ANT2
0.95
1.4
dB
Any Path (1800MHz to
1860MHz)
2dB
Any Path (2700MHz to
2790MHz)
2dB
Any Path (>3600MHz)
15
dB
Isolation (All Paths)
18
dB
Input IP3
55
dBm
Thermal Resistance
47.8
°C/W
4V VCC, 2.85V VREG, 31dBm POUT, TREF = 85°C
Output Harmonic Levels
2nd
-60
dBc
3rd through 10th
-80
dBc
Input 1dB Gain Compression
30
32
dBm
Return Loss (All Ports)
18
dB
Active ports only
Switch Control Logic HIGH
2.6
3.5
V
Switch Control Logic LOW
0
0.2
V
Switch Control Current
5
A
VTX2, VRX1, and VRX2
40
AVTX1
Transition Time
2
A
Settle to 0.25dB of final value
Connected Path
RX SW to ANT1
RX SW to ANT2
TX SW to ANT1
TX SW to ANT2
VRX1
High
Low
Low
Low
VRX2
Low
High
Low
Low
VTX1
Low
Low
High
Low
VTX2
Low
Low
Low
High
*Switch Control Logic High = Min 2.6V to Max 3.5V
*Switch Control Logic Low = Min 0.0V to Max 0.2V


Similar Part No. - RFFM6904PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
More results

Similar Description - RFFM6904PCK-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM6904 QORVO-RFFM6904 Datasheet
839Kb / 10P
   3.0V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
logo
RF Micro Devices
RF3858 RFMD-RF3858 Datasheet
878Kb / 11P
   3.0 V TO 4.2V, ISM BAND TRANSMIT/RECEIVE MODULE WITH DIVERSITY TRANSFER SWITCH
RFFM6901 RFMD-RFFM6901 Datasheet
979Kb / 13P
   2.8V TO 4.2V, 915MHZ ISM BAND TRANSMIT/ RECEIVE MODULE WITH DIVERSITY SWITCH
logo
Qorvo, Inc
RFFM6901 QORVO-RFFM6901 Datasheet
925Kb / 11P
   2.8V to 4.2V, 915MHz ISM Band Transmit/Receive Module with Diversity Switch
RFFM6900 QORVO-RFFM6900 Datasheet
980Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6903 RFMD-RFFM6903 Datasheet
1Mb / 11P
   2.5V to 4.2V, ISM Band, 1W 915MHZ Transmit/Receive Module
RFFM6900 RFMD-RFFM6900 Datasheet
666Kb / 12P
   2.5V TO 4.2V, ISM BAND, 1W 915MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6500 QORVO-RFFM6500 Datasheet
610Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
logo
RF Micro Devices
RFFM6500 RFMD-RFFM6500 Datasheet
608Kb / 9P
   2.7V to 4.2V, 168MHz to 171MHz ISM Band Transmit/Receive Module
RFFM6403 RFMD-RFFM6403 Datasheet
553Kb / 10P
   2.5V to 4.2V, ISM Band, 1W, 405MHz to 475MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com