Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8250 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFFM8250
Description  2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8250 Datasheet(HTML) 2 Page - RF Micro Devices

  RFFM8250 Datasheet HTML 1Page - RF Micro Devices RFFM8250 Datasheet HTML 2Page - RF Micro Devices RFFM8250 Datasheet HTML 3Page - RF Micro Devices RFFM8250 Datasheet HTML 4Page - RF Micro Devices RFFM8250 Datasheet HTML 5Page - RF Micro Devices RFFM8250 Datasheet HTML 6Page - RF Micro Devices RFFM8250 Datasheet HTML 7Page - RF Micro Devices RFFM8250 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150128
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
2 of 8
RFFM8250
Absolute Maximum Ratings
Parameter
Rating
Unit
DC Supply Voltage (No RF Applied)
-0.5 to 6
V
DC Supply Current
100
mA
Operating Case Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Maximum TX Input Power into 50Ω Load for
11b/g/n/ac (No Damage)
+30
dBm
Maximum RX Input Power (No Damage)
+10
dBm
Bypass Mode Maximum RX input power (No damage)
+23
dBm
Moisture Sensitivity
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Compliance
802.11b, 802.11g, 802.11n, 802.11ac
Operating Frequency
2.412
2.484
GHz
Operating Temperature
-40
25
85
°C
Power Supply VDD
3.0
3.6
5.0
V
Control Voltage-High
2.8
3.1
VDD
V
VTX, VRX, LNAEN, and VBT Should not exceed VCC voltage
Control Voltage-Low
0
0.2
V
Transmit (TX-ANT)
VDD = 3.6V over frequency, unless otherwise noted
Insertion Loss
0.6
1.2
dB
T = 25°C, VDD = 3.6V
TX Port Return Loss
12
20
dB
ANT Port Return Loss
12
20
dB
Input P1dB
27
30
dBm
T = 25°C, VDD = 3.6V
ANT-Rx Isolation
28
35
dB
TX is enables and at Max power
Receive (ANT-RX)-LNA On
VDD = 3.6V, over frequency, unless otherwise noted
Gain (S21)
11
13
16
dB
T =25°C, VDD = 3.6V
10
13
17
dB
T =-40 to +85C°, VDD = 3.0V to 5V
Gain Flatness over any 20MHz
BW
-0.25
+0.25
dB
Gain Flatness across band
-0.5
+0.5
dB
Noise Figure
2.3
2.7
dB
T = 25°C, VDD = 3.6V
RX Port Return Loss
15
10
dB
ANT Port Return Loss
5
3
dB
T = 25°C, VDD = 3.6V
Input P1dB
-7
-5
dBm
Current Consumption
6
9
13
mA
LNA_EN Control Current
250
500
µA
LNA Turn On Time
200
500
nS


Similar Part No. - RFFM8250

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8250 QORVO-RFFM8250 Datasheet
261Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
RFFM8250PCK-410 QORVO-RFFM8250PCK-410 Datasheet
261Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
logo
RF Micro Devices
RFFM8250Q RFMD-RFFM8250Q Datasheet
272Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
logo
Qorvo, Inc
RFFM8250Q QORVO-RFFM8250Q Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
logo
RF Micro Devices
RFFM8250QPCK-410 RFMD-RFFM8250QPCK-410 Datasheet
272Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
More results

Similar Description - RFFM8250

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8250 QORVO-RFFM8250 Datasheet
261Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
RFFM8205 QORVO-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8205 RFMD-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4204 RFMD-RFFM4204 Datasheet
254Kb / 9P
   WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com