Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8250Q Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFFM8250Q
Description  WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8250Q Datasheet(HTML) 7 Page - RF Micro Devices

  RFFM8250Q Datasheet HTML 1Page - RF Micro Devices RFFM8250Q Datasheet HTML 2Page - RF Micro Devices RFFM8250Q Datasheet HTML 3Page - RF Micro Devices RFFM8250Q Datasheet HTML 4Page - RF Micro Devices RFFM8250Q Datasheet HTML 5Page - RF Micro Devices RFFM8250Q Datasheet HTML 6Page - RF Micro Devices RFFM8250Q Datasheet HTML 7Page - RF Micro Devices RFFM8250Q Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
RFFM8250Q
RFMD + TriQuint = Qorvo
PCB Patterns (dimensions in mm)
Note:
Thermal vias for center slug “C” should be incorporated into the PCB design. The number and size of thermal vias will depend on the application,
power, dissipation and electrical requirements. Example of the number and size of vias can be found on the RFMD evaluation board layout (gerber
files are available upon request)
Revision DS20150302
Disclaimer: Subject to change without notice
© 2015 RF Micro Devices, Inc.
www.rfmd.com / www.qorvo.com


Similar Part No. - RFFM8250Q

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8250Q QORVO-RFFM8250Q Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
RFFM8250QPCK-410 QORVO-RFFM8250QPCK-410 Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
RFFM8250QSB QORVO-RFFM8250QSB Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
RFFM8250QSQ QORVO-RFFM8250QSQ Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
RFFM8250QSR QORVO-RFFM8250QSR Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
More results

Similar Description - RFFM8250Q

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8250Q QORVO-RFFM8250Q Datasheet
288Kb / 8P
   WiFi Switch LNA Module 2.4GHz to 2.5GHz Tested in Accordance with AEC-Q100
RFFM5765Q QORVO-RFFM5765Q Datasheet
898Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM5765Q RFMD-RFFM5765Q Datasheet
874Kb / 15P
   Tested in Accordance with AEC-Q100 802.11b/g/n WiFi Front End Module
RFFM8250 RFMD-RFFM8250 Datasheet
219Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
logo
Qorvo, Inc
RFFM8250 QORVO-RFFM8250 Datasheet
261Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
logo
RF Micro Devices
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
QPL6207Q QORVO-QPL6207Q Datasheet
622Kb / 7P
   Tested in accordance to AEC-100 Grade 2
logo
Nexperia B.V. All right...
74AHC2G32-Q100 NEXPERIA-74AHC2G32-Q100 Datasheet
212Kb / 11P
   Automotive product qualification in accordance with AEC-Q100
74AHC86-Q100 NEXPERIA-74AHC86-Q100 Datasheet
705Kb / 15P
   Automotive product qualification in accordance with AEC-Q100
74AHC2G125-Q100 NEXPERIA-74AHC2G125-Q100 Datasheet
223Kb / 12P
   Automotive product qualification in accordance with AEC-Q100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com