Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8209TR7 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM8209TR7
Description  WiFi Front-End Module 2.4GHz to 2.5GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8209TR7 Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM8209TR7 Datasheet HTML 1Page - RF Micro Devices RFFM8209TR7 Datasheet HTML 2Page - RF Micro Devices RFFM8209TR7 Datasheet HTML 3Page - RF Micro Devices RFFM8209TR7 Datasheet HTML 4Page - RF Micro Devices RFFM8209TR7 Datasheet HTML 5Page - RF Micro Devices RFFM8209TR7 Datasheet HTML 6Page - RF Micro Devices RFFM8209TR7 Datasheet HTML 7Page - RF Micro Devices RFFM8209TR7 Datasheet HTML 8Page - RF Micro Devices RFFM8209TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140421
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
4 of 10
RFFM8209
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Specification (continued)
Maximum Input Power
12
dBm
Into 50
Ω, V
CC = 3.6V, 25°C
12
dBm
6:1 VSWR, VCC = 3.6V, 25°C
5
dBm
10:1 VSWR, VCC = 3.6V, 25°C
PA Stability
4:1 VSWR
No harmonically related spurious above -41.25dBm/MHz
Ruggedness
10:1 VSWR
At typical operating conditions
Transmit (TX-ANT) – 5V
Temp= 25ºC, VCC = 5V, 50% duty cycle unless
otherwise noted
11ac Output Power
19.5
20
dBm
HT20 / HT40
11ac Dynamic EVM
1.5
1.8
%
At Rated Power; HT20 / HT40; 256QAM
-36.5
-35.0
dB
11n Output Power
20.5
21
dBm
HT20 / HT40
11n Dynamic EVM
2.5
3
%
At Rated Power; HT20 / HT40; 64QAM
-32.0
-30.5
dB
Spectral Mask
22
dBm
MCS0; HT20 / HT40
Operating Current
295
mA
POUT =20dBm
315
mA
POUT = 21dBm
Quiescent Current
255
mA
No RF signal
Large Signal Gain
23.5
26
30.0
dB
Switch Control Logic Table
Operating Mode
PA_EN
LNA_EN
C_RX
C_BT
Standby
Low
Low
Low
Low
802.11b/g/n/ac TX High Power
High
Low
Low
Low
802.11b/g/n/ac RX Gain
Low
High
High
Low
802.11b/g/n/ac RX Bypass
Low
Low
High
Low
BT RX/TX
Low
Low
Low
High
Notes:
PA_EN and TX switch control are tied together internally.
High = 2.8 to VCC. Low = 0V to 0.2V.


Similar Part No. - RFFM8209TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8200 RFMD-RFFM8200 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200PCK-410 RFMD-RFFM8200PCK-410 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SB RFMD-RFFM8200SB Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200SR RFMD-RFFM8200SR Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8200TR7 RFMD-RFFM8200TR7 Datasheet
1Mb / 13P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RFFM8209TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com