Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8500Q Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM8500Q
Description  4.9GHz to 5.85GHz 802.11a/n Front End Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8500Q Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM8500Q Datasheet HTML 1Page - RF Micro Devices RFFM8500Q Datasheet HTML 2Page - RF Micro Devices RFFM8500Q Datasheet HTML 3Page - RF Micro Devices RFFM8500Q Datasheet HTML 4Page - RF Micro Devices RFFM8500Q Datasheet HTML 5Page - RF Micro Devices RFFM8500Q Datasheet HTML 6Page - RF Micro Devices RFFM8500Q Datasheet HTML 7Page - RF Micro Devices RFFM8500Q Datasheet HTML 8Page - RF Micro Devices RFFM8500Q Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131001
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 10
RFFM8500Q
Parameter
Specification
Unit
Condition
Min
Typ
Max
Receive Parameters
Nominal Operating Conditions: VDD = 3.3V;
SW Control High: 3.1V; LNA_EN = 3.1V;
Freq = 5.18GHz to 5.825GHz; Temp = -40°C to +85°C;
Unless Otherwise Noted
Frequency
5.15
5.825
GHz
LNA Voltage Supply ( VDD)
3
3.3
3.6
V
LNA_EN Voltage
2.8
3.1
3.3
V
Gain
12
15
17
dB
Temp=25°C
10
15
18
dB
All conditions
NF
2.5
3.0
dB
Temp=25°C
2.5
4.5
dB
All conditions
Rx Port Return Loss
8
10
dB
ANT Port Return Loss
6
10
dB
RX mode, all conditions
Input IP3
-3
dBm
Temp=25°C
Input P1dB
-13
dBm
IDD
13
17
mA
8
13
18
mA
All conditions
LNA_EN Control Current
30
100
µA
LNA Turn On Time
200
600
nS
Isolation
TX-RX
32
36
dB
Measured from ANT to RX while in Tx mode
Switch Control Current - Each Line
5
10
µA
Switching Speed
100
200
nS
Transmit Parameters @
+95°C
VCC = 3.3V; POUT = 13dBm; SW Control High: 3.1V;
SW Control Low: 0.2V; PA_EN = 3.1V; Freq = 5.18GHz to
5.825GHz; Modulation MCS7 20MHz; Duty Cycle = 50%;
Temp = +95°C; Unless Otherwise Noted
Dynamic EVM
2
2.5
%
Gain
21
29
dB
Operating Current
240
270
mA
Quiescent Current
185
215
mA
PA_EN Current
35
110
µA
Second Harmonic
-45
-42
dBm
POUT = 17dBm, 11a 6Mbps; 100% duty cycle
Third Harmonic
-48
-42
dBm
POUT = 17dBm, 11a 6Mbps; 100% duty cycle


Similar Part No. - RFFM8500Q

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
More results

Similar Description - RFFM8500Q

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4503 RFMD-RFFM4503 Datasheet
354Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac Wi-Fi Front End Module
RFFM4501E RFMD-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com