Electronic Components Datasheet Search |
|
RFFM8500QTR7 Datasheet(PDF) 3 Page - RF Micro Devices |
|
RFFM8500QTR7 Datasheet(HTML) 3 Page - RF Micro Devices |
3 / 10 page RF Micro Devices Inc. 7628 Thorndike Road, Greensboro, NC 27409-9421 DS131001 For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com. The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice. 3 of 10 RFFM8500Q Parameter Specification Unit Condition Min Typ Max Receive Parameters Nominal Operating Conditions: VDD = 3.3V; SW Control High: 3.1V; LNA_EN = 3.1V; Freq = 5.18GHz to 5.825GHz; Temp = -40°C to +85°C; Unless Otherwise Noted Frequency 5.15 5.825 GHz LNA Voltage Supply ( VDD) 3 3.3 3.6 V LNA_EN Voltage 2.8 3.1 3.3 V Gain 12 15 17 dB Temp=25°C 10 15 18 dB All conditions NF 2.5 3.0 dB Temp=25°C 2.5 4.5 dB All conditions Rx Port Return Loss 8 10 dB ANT Port Return Loss 6 10 dB RX mode, all conditions Input IP3 -3 dBm Temp=25°C Input P1dB -13 dBm IDD 13 17 mA 8 13 18 mA All conditions LNA_EN Control Current 30 100 µA LNA Turn On Time 200 600 nS Isolation TX-RX 32 36 dB Measured from ANT to RX while in Tx mode Switch Control Current - Each Line 5 10 µA Switching Speed 100 200 nS Transmit Parameters @ +95°C VCC = 3.3V; POUT = 13dBm; SW Control High: 3.1V; SW Control Low: 0.2V; PA_EN = 3.1V; Freq = 5.18GHz to 5.825GHz; Modulation MCS7 20MHz; Duty Cycle = 50%; Temp = +95°C; Unless Otherwise Noted Dynamic EVM 2 2.5 % Gain 21 29 dB Operating Current 240 270 mA Quiescent Current 185 215 mA PA_EN Current 35 110 µA Second Harmonic -45 -42 dBm POUT = 17dBm, 11a 6Mbps; 100% duty cycle Third Harmonic -48 -42 dBm POUT = 17dBm, 11a 6Mbps; 100% duty cycle |
Similar Part No. - RFFM8500QTR7 |
|
Similar Description - RFFM8500QTR7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |