Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8504SQ Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFFM8504SQ
Description  4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8504SQ Datasheet(HTML) 6 Page - RF Micro Devices

  RFFM8504SQ Datasheet HTML 1Page - RF Micro Devices RFFM8504SQ Datasheet HTML 2Page - RF Micro Devices RFFM8504SQ Datasheet HTML 3Page - RF Micro Devices RFFM8504SQ Datasheet HTML 4Page - RF Micro Devices RFFM8504SQ Datasheet HTML 5Page - RF Micro Devices RFFM8504SQ Datasheet HTML 6Page - RF Micro Devices RFFM8504SQ Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
RFFM8504
DS130723
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing
PCB Patterns
6x 0.300
Thermal vias for center slug "E" should be incorporated into
the PCB design. The number and size of thermal vias will
depend on the application, the power dissipation, and the
electrical requirements. Example of the number and size of
vias can be found on the RFMD evaluation board layout.
PCB STENCIL PATTERN
PCB SOLDER MASK PATTERN
PCB METAL PATTERN
6x
0.300
2x 1.207
2x 0.750
2x 0.250
0.000
2x 0.250
2x 0.750
2x 1.207
2x 1.189
2x 1.189
4x
0.400
4x
0.436
4x
0.400
4x
0.436
6x 0.200
6x
0.200
2x 1.207
2x 0.750
2x 0.250
0.000
2x 0.250
2x 0.750
2x 1.207
2x 1.189
2x 1.189
4x
0.300
4x
0.336
4x
0.300
4x
0.336
6x 0.320
6x
0.320
2x 1.207
2x 0.750
2x 0.250
0.000
2x 0.250
2x 0.750
2x 1.207
2x 1.189
2x 1.189
4x
0.479
4x
0.513
4x
0.479
4x
0.513
Shaded are represents Pin 1 location.


Similar Part No. - RFFM8504SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QPCBA-410 RFMD-RFFM8500QPCBA-410 Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSQ RFMD-RFFM8500QSQ Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RFFM8500QSR RFMD-RFFM8500QSR Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
More results

Similar Description - RFFM8504SQ

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com