Electronic Components Datasheet Search |
|
CMLM0305 Datasheet(PDF) 1 Page - Central Semiconductor Corp |
|
CMLM0305 Datasheet(HTML) 1 Page - Central Semiconductor Corp |
1 / 3 page CMLM0305 CMLM0305G* Multi Discrete Module™ SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE DESCRIPTION: The CENTRAL SEMICONDUCTOR CMLM0305 and CMLM0305G are Multi Discrete Modules™ consisting of a single N-Channel enhancement-mode MOSFET and a low VF Schottky diode packaged in a space saving SOT-563 surface mount case. This device is designed for small signal general purpose applications where size and operational efficiency are prime requirements. MAXIMUM RATINGS - CASE: (TA=25°C) SYMBOL UNITS Power Dissipation (Note 1) PD 350 mW Power Dissipation (Note 2) PD 300 mW Power Dissipation (Note 3) PD 150 mW Operating and Storage Junction Temperature TJ, Tstg -65 to +150 °C Thermal Resistance ΘJA 357 °C/W MAXIMUM RATINGS - Q1: (TA=25°C) SYMBOL UNITS Drain-Source Voltage VDS 50 V Drain-Gate Voltage VDG 50 V Gate-Source Voltage VGS 12 V Continuous Drain Current ID 280 mA Maximum Pulsed Drain Current IDM 1.5 A MAXIMUM RATINGS - D1: (TA=25°C) SYMBOL UNITS Peak Repetitive Reverse Voltage VRRM 40 V Continuous Forward Current IF 500 mA Peak Repetitive Forward Current, tp ≤1.0ms IFRM 3.5 A Peak Forward Surge Current, tp = 8.0ms IFSM 10 A ELECTRICAL CHARACTERISTICS - Q1: (TA=25°C unless otherwise noted) SYMBOL TEST CONDITIONS MIN MAX UNITS IGSSF, IGSSR VGS=5.0V 100 nA IGSSF, IGSSR VGS=10V 2.0 μA IGSSF, IGSSR VGS=12V 2.0 μA IDSS VDS=50V, VGS=0 50 nA BVDSS VGS=0, ID=10μA 50 V VGS(th) VDS=VGS, ID=250μA 0.49 1.0 V FEATURES: • ESD protection up to 2kV • Low rDS(on) Transistor (3Ω MAX @ VGS=1.8V) • Low VF Schottky Diode (0.47V MAX @ 0.5A) APPLICATIONS: • DC / DC Converters • Battery Powered Portable Equipment Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2 (2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2 (3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2 * Device is Halogen Free by design MARKING CODES: CMLM0305: 5C3 CMLM0305G*: 5CG SOT-563 CASE R5 (15-June 2015) www.centr a lsemi.com |
Similar Part No. - CMLM0305_15 |
|
Similar Description - CMLM0305_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |