Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8506TR7 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM8506TR7
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8506TR7 Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM8506TR7 Datasheet HTML 1Page - RF Micro Devices RFFM8506TR7 Datasheet HTML 2Page - RF Micro Devices RFFM8506TR7 Datasheet HTML 3Page - RF Micro Devices RFFM8506TR7 Datasheet HTML 4Page - RF Micro Devices RFFM8506TR7 Datasheet HTML 5Page - RF Micro Devices RFFM8506TR7 Datasheet HTML 6Page - RF Micro Devices RFFM8506TR7 Datasheet HTML 7Page - RF Micro Devices RFFM8506TR7 Datasheet HTML 8Page - RF Micro Devices RFFM8506TR7 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS130923
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFFM8506
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit (TX-ANT) Mode
(continued)
T= +25C°; VCC=3.6V; SW_CTL = High; PA_EN = High;
LNA_EN = Low; Unless otherwise noted
PA Selectivity/Out of Band Gain
30 to 2900MHz
-6
dB
3600 to 4400MHz
20
dB
7250 to 7750MHz
16
dB
TX Port Return Loss
10
12
dB
ANT Port Return Loss
12
15
dB
Noise Figure
6
dB
Receive (ANT-RX) LNA On
T= +25C°; VCC=3.6V; SW_CTL = Low; PA_EN = Low;
LNA_EN = High; Unless otherwise noted
Gain
10
12
dB
Noise Figure
2.5
dB
Rx Port Return Loss
8
10
dB
ANT Port Return Loss
8
10
dB
Input IP2
50
dBm
Input IP3
5
6
dBm
Current Consumption
12
mA
LNA_EN Control Current
75
120
μA
LNA Turn On Time
300
nS
Receive (ANT-RX) Bypass Mode
T= +25C°; VCC=3.6V; SW_CTL = Low; PA_EN = Low;
LNA_EN = Low; Unless otherwise noted
Insertion Loss
3.5
dB
Noise Figure
3.5
dB
RX Port Return Loss
8
10
dB
ANT Port Return Loss
8
10
dB
ANT-RX Isolation
26
dB
PA_EN = High; Maximum power
Input IP3
18
20
dBm
LNA Bypass Current
15
μA
General Specifications
Switch Control Current – High - Each
Line
2
μA
Switch Control Current – Low - Each
Line
0.1
μA
Do not leave floating
PA_EN Current
30
μA
Leakage Current – Nominal
15
μA
RF Off; PA_EN = Low; SW_CTL = Low
Switching Speed
200
nS
PA Turn-On Time from PA_EN edge
300
nS
Output stable within 90% of final gain
PA Turn-Off Time from PA_EN edge
300
nS
Output stable within 90% of final gain
ESD – Human Body Model
1000
V
EIA/JESD22-114A all pins
ESD – Charge Device Model
1000
V
EIA/JESD22-101C all pins
Ruggedness
10:1
VSWR
With nominal input power
*For 4900MHz to 5150MHz, POUT is reduced by 1dB


Similar Part No. - RFFM8506TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8506TR7 QORVO-RFFM8506TR7 Datasheet
591Kb / 10P
   4.9 GHz to 5.85 GHz 802.11a/n/ac WiFi Front End Module
More results

Similar Description - RFFM8506TR7

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 RFMD-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com