Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8511SB Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFFM8511SB
Description  4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8511SB Datasheet(HTML) 3 Page - RF Micro Devices

  RFFM8511SB Datasheet HTML 1Page - RF Micro Devices RFFM8511SB Datasheet HTML 2Page - RF Micro Devices RFFM8511SB Datasheet HTML 3Page - RF Micro Devices RFFM8511SB Datasheet HTML 4Page - RF Micro Devices RFFM8511SB Datasheet HTML 5Page - RF Micro Devices RFFM8511SB Datasheet HTML 6Page - RF Micro Devices RFFM8511SB Datasheet HTML 7Page - RF Micro Devices RFFM8511SB Datasheet HTML 8Page - RF Micro Devices RFFM8511SB Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
DRAFT
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140711
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 9
RFFM8511
PRELIMINARY
Parameter
Specification
Unit
Condition
Min
Typ
Max
Transmit (TX-ANT) High
Power Mode (continued)
T = -10°C to +70°C, VCC = 3.3V to 4.2V,
50% Duty Cycle unless otherwise noted
Large Signal Gain
25
28
dB
T = 25°C, VCC = 3.6V
23
28
dB
T = -10°C to +70°C, VCC = 3.0 to 4.2V
Gain flatness over any 80MHz BW
-0.5
0.5
dB
Gain flatness across band
-1
1
dB
Operating Current
210
250
mA
POUT = +17dBm, T = 25°C, VCC = 3.6V
240
280
mA
POUT = +19dBm, T = 25°C, VCC = 3.6V
280
mA
POUT = 21dBm, T = 25°C, VCC = 3.6V
Quiescent Current
150
mA
PA_EN Current
70
150
uA
Second Harmonic
-45
-30
dBm/MHz
POUT = +21dBm, T = 25°C, VCC = 3.6V, 6Mbps 802.11a
Third Harmonic
-45
-30
dBm/MHz
Power Detector Voltage
0.27
V
POUT = 0dBm
0.81
V
POUT = +17dBm
0.98
V
POUT = +21dBm
Variation from 0-360° load pull
-1.5
1.5
dB
3:1 VSWR
ANT-RX Isolation (TX enabled and
maximum power)
28
dB
Transmit (TX-ANT) Low
Power Mode
T= 25°C, VCC= 3.6V,50% Duty Cycle
unless otherwise noted
Output Power
10.0
dBm
T = 25°C, VCC = 3.6V
40/80MHz 802.11ac Dynamic EVM
1.5
1.8
%
-36.5
-35.0
dB
Output Power
12.0
dBm
T = 25°C, VCC = 3.6V
20MHz 802.11n Dynamic EVM
2.5
3.0
%
-32.0
-30.5
dB
40MHz 802.11n Spectral mask
Output Power
11.0
dBm
T = 25°C, VCC = 3.6V
20/80MHz 802.11ac Spectral
mask Output Power
12.0
dBm
Power Detector Voltage
0.27
V
POUT = 0dBm
0.50
V
POUT = +10dBm
0.58
V
POUT = +12dBm
80MHz 802.11ac Operating
Current
150
mA
POUT = +10dBm
20MHz 802.11n Operating Current
160
mA
POUT = +12dBm
VMODE Control Line Current
160
500
µA
Gain
24
27
dB
POUT = +10dBm, 80MHz 802.11ac
Receive (ANT-RX)-LNA On
T = +25°C, VCC = 3.0 to 4.2V, C_RX=LNA_EN=High,
PA_EN=Low, Unless otherwise noted.
Gain
10
14
16
dB
T = 25°C, VCC = 3.6V
Gain flatness over any 80MHz BW
-0.5
0.5
dB
Gain flatness across band
-1
1
dB
Noise Figure
2.5
3
dB


Similar Part No. - RFFM8511SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8511SB QORVO-RFFM8511SB Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
More results

Similar Description - RFFM8511SB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM8515 TRIQUINT-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8504 RFMD-RFFM8504 Datasheet
502Kb / 7P
   4.9GHZ TO 5.85GHZ 802.11a/n/ac/WiFi FRONT END MODULE
RFFM8505 RFMD-RFFM8505 Datasheet
518Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM4501F RFMD-RFFM4501F Datasheet
232Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8506 RFMD-RFFM8506 Datasheet
267Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
Qorvo, Inc
RFFM8515 QORVO-RFFM8515 Datasheet
401Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
RFFM8511 QORVO-RFFM8511 Datasheet
539Kb / 9P
   4.9GHz to 5.85GHz 802.11a/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RFFM8500 RFMD-RFFM8500 Datasheet
544Kb / 12P
   4.9GHz TO 5.85GHz 802.11a/n/ac FRONT END MODULE
logo
Qorvo, Inc
RFFM4501E QORVO-RFFM4501E Datasheet
166Kb / 2P
   3.3V, 4.9GHz to 5.85GHz 802.11a/n/ac Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com