Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8528 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFFM8528
Description  WiFi Front End Module 5180MHz to 5825MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8528 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFFM8528 Datasheet HTML 2Page - RF Micro Devices RFFM8528 Datasheet HTML 3Page - RF Micro Devices RFFM8528 Datasheet HTML 4Page - RF Micro Devices RFFM8528 Datasheet HTML 5Page - RF Micro Devices RFFM8528 Datasheet HTML 6Page - RF Micro Devices RFFM8528 Datasheet HTML 7Page - RF Micro Devices RFFM8528 Datasheet HTML 8Page - RF Micro Devices RFFM8528 Datasheet HTML 9Page - RF Micro Devices RFFM8528 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140731
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
8 of 10
RFFM8528
Pin Out
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
GND
RX
GND
VCC
PDET PA_EN GND
TX
VMODE
VCC
VCC
GND
LNA_EN NC
GND ANT
Package Outline (Dimensions in millimeters)


Similar Part No. - RFFM8528

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8528 QORVO-RFFM8528 Datasheet
267Kb / 10P
   WiFi Front End Module 5180MHz to 5825MHz
RFFM8528PCK-410 QORVO-RFFM8528PCK-410 Datasheet
267Kb / 10P
   WiFi Front End Module 5180MHz to 5825MHz
RFFM8528SB QORVO-RFFM8528SB Datasheet
267Kb / 10P
   WiFi Front End Module 5180MHz to 5825MHz
RFFM8528SQ QORVO-RFFM8528SQ Datasheet
267Kb / 10P
   WiFi Front End Module 5180MHz to 5825MHz
RFFM8528SR QORVO-RFFM8528SR Datasheet
267Kb / 10P
   WiFi Front End Module 5180MHz to 5825MHz
More results

Similar Description - RFFM8528

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8528 QORVO-RFFM8528 Datasheet
267Kb / 10P
   WiFi Front End Module 5180MHz to 5825MHz
logo
RF Micro Devices
RFFM4293 RFMD-RFFM4293 Datasheet
218Kb / 9P
   WiFi Front End Module
RFFM8209 RFMD-RFFM8209 Datasheet
545Kb / 10P
   WiFi Front-End Module 2.4GHz to 2.5GHz
logo
Qorvo, Inc
RFFM3482Q QORVO-RFFM3482Q Datasheet
775Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
logo
RF Micro Devices
RFFM3482Q RFMD-RFFM3482Q Datasheet
739Kb / 13P
   2.4GHz to 2.5GHz, Automotive WiFi Front End Module
RFFM8502 RFMD-RFFM8502 Datasheet
257Kb / 8P
   4.9GHz to 5.85GHz 802.11a/n WiFi Front End Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com