Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8800SR Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFFM8800SR
Description  2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz 802.11b/g/a/n Front End module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8800SR Datasheet(HTML) 4 Page - RF Micro Devices

  RFFM8800SR Datasheet HTML 1Page - RF Micro Devices RFFM8800SR Datasheet HTML 2Page - RF Micro Devices RFFM8800SR Datasheet HTML 3Page - RF Micro Devices RFFM8800SR Datasheet HTML 4Page - RF Micro Devices RFFM8800SR Datasheet HTML 5Page - RF Micro Devices RFFM8800SR Datasheet HTML 6Page - RF Micro Devices RFFM8800SR Datasheet HTML 7Page - RF Micro Devices RFFM8800SR Datasheet HTML 8Page - RF Micro Devices RFFM8800SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RFFM8800
2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz
802.11b/g/a/n Front End module
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130314
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
4 of 10
General Specifications
Control Current
CRX, CBT
5
µA
Switch Control Speed
100
ns
ESD
Human Body Model
500
V
EIA/JESD22-114A RF pins
1000
V
EIA/JESD22-114A DC pins
Charge Device Model
500
V
JESD22-C101C all pins
RF Port Impedance
50
TX, RX, BT, ANT ports
Operating Modes
Mode #
Mode Description
PEN2
LEN2
PEN5
LEN5
CRX
CBT
0
All Off
0
0
0
0
0
0
1
BT
0
0
0
0
0
1
2
BT + RX5
0
0
0
1
1
1
3
BT+ TX5
0
0
1
0
0
1
4
TX2
1
0
0
0
0
0
5
RX2
0
1
0
0
1
0
6
TX5
0
0
1
0
0
0
7
RX5
0
0
0
1
1
0
8
RX2 + RX5
0
1
0
1
1
0


Similar Part No. - RFFM8800SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8800SR QORVO-RFFM8800SR Datasheet
710Kb / 9P
   Wi-Fi Front End Module
More results

Similar Description - RFFM8800SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com