Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8800TR7 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RFFM8800TR7
Description  2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz 802.11b/g/a/n Front End module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8800TR7 Datasheet(HTML) 5 Page - RF Micro Devices

  RFFM8800TR7 Datasheet HTML 1Page - RF Micro Devices RFFM8800TR7 Datasheet HTML 2Page - RF Micro Devices RFFM8800TR7 Datasheet HTML 3Page - RF Micro Devices RFFM8800TR7 Datasheet HTML 4Page - RF Micro Devices RFFM8800TR7 Datasheet HTML 5Page - RF Micro Devices RFFM8800TR7 Datasheet HTML 6Page - RF Micro Devices RFFM8800TR7 Datasheet HTML 7Page - RF Micro Devices RFFM8800TR7 Datasheet HTML 8Page - RF Micro Devices RFFM8800TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RFFM8800
2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz
802.11b/g/a/n Front End module
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS130314
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
5 of 10
Pin
Function
Description
1
RX2
2.4GHz Receive (Rx) 50Ω output pin.
2
GND
Ground.
3
RX5
5GHz Receive (Rx) 50Ω output pin.
4
VCC
Supply voltage for the 2GHz PA output stage and LNA. See applications schematic for biasing and bypassing components.
5
N/C
No Connect. This pin is not connected internally. It can be left floating or connected to ground.
6
PEN2
Enable for 2.4GHz PA and Tx switch.
7
N/C
No Connect. This pin is not connected internally. It can be left floating or connected to ground.
8
LEN2
Enable for 2.4GHz LNA and Rx switch.
9
CRX
Switch Control for Rx Switches. High control voltage turns on the Rx path (see switch logic tables).
10
GND
Ground.
11
TX2
RF input port for the 802.11b/g/n PA. Input is matched to 50. Internally DC blocked.
12
N/C
No Connect. This pin is not connected internally. It can be left floating or connected to ground.
13
VCC
Supply voltage for the 2GHz PA driver stage and LNA. See applications schematic for biasing and bypassing components.
14
N/C
No Connect. This pin is not connected internally. It can be left floating or connected to ground.
15
TX5
RF input port for the 802.11a/n PA. Input is matched to 50Ω. Internally DC blocked.
16
N/C
No Connect. This pin is not connected internally. It can be left floating or connected to ground.
17
VCC
Supply voltage for the 2GHz PA driver stage and LNA. See applications schematic for biasing and bypassing components.
18
VCC
Supply voltage for the 2GHz PA output stage and LNA. See applications schematic for biasing and bypassing components.
19
LEN5
Enable for 5GHz LNA and Rx switch.
20
PEN5
Enable for 5GHz PA and Tx switch.
21
CBT
Switch control for BT. High control voltage turns on the BT path (see switch logic tables).
22
GND
Ground.
23
GND
Ground.
24
ANT5
RF bidirectional 5GHz antenna port matched to 50Ω.
25
GND
Ground.
26
ANT2
RF bidirectional 2.4GHz antenna port matched to 50Ω.
27
GND
Ground.
28
BT
BT Port 50Ω input/output pin.
29
N/C
No Connect. This pin is not connected internally. It can be left floating or connected to ground.
30
GND
Ground.
Pkg
Base
GND
Ground connection. The backside of the package should be connected to the ground plane through a short path, PCB vias under the
device are recommended.


Similar Part No. - RFFM8800TR7

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8800TR13 QORVO-RFFM8800TR13 Datasheet
710Kb / 9P
   Wi-Fi Front End Module
More results

Similar Description - RFFM8800TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
logo
Qorvo, Inc
RF5365 QORVO-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
logo
RF Micro Devices
RFFM8500Q RFMD-RFFM8500Q Datasheet
605Kb / 10P
   4.9GHz to 5.85GHz 802.11a/n Front End Module
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RF5345 RFMD-RF5345 Datasheet
597Kb / 20P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5365 RFMD-RF5365 Datasheet
566Kb / 11P
   2.4GHz to 2.5GHz, 802.11b/g/n WiFi Front End Module
RF5565 RFMD-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com