Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFM8850PSR Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFFM8850PSR
Description  Dualband 2.4GHz and 5.0GHz 802.11b/g/n/a/ac Wi-Fi짰 Switch LNA Front End Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFM8850PSR Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFFM8850PSR Datasheet HTML 2Page - RF Micro Devices RFFM8850PSR Datasheet HTML 3Page - RF Micro Devices RFFM8850PSR Datasheet HTML 4Page - RF Micro Devices RFFM8850PSR Datasheet HTML 5Page - RF Micro Devices RFFM8850PSR Datasheet HTML 6Page - RF Micro Devices RFFM8850PSR Datasheet HTML 7Page - RF Micro Devices RFFM8850PSR Datasheet HTML 8Page - RF Micro Devices RFFM8850PSR Datasheet HTML 9Page - RF Micro Devices RFFM8850PSR Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150107
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 10
RFFM8850P
PCB Patterns
Note:
Thermal vias for center slug “C” should be incorporated into the PCB design. The number and size of thermal vias will depend on the application,
power, dissipation and electrical requirements. Example of the number and size of vias can be found on the RFMD evaluation board layout (gerber
files are available upon request)


Similar Part No. - RFFM8850PSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFFM8800 RFMD-RFFM8800 Datasheet
531Kb / 10P
   2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz 802.11b/g/a/n Front End module
logo
Qorvo, Inc
RFFM8800 QORVO-RFFM8800 Datasheet
710Kb / 9P
   Wi-Fi Front End Module
logo
RF Micro Devices
RFFM8800PCK-410 RFMD-RFFM8800PCK-410 Datasheet
531Kb / 10P
   2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz 802.11b/g/a/n Front End module
logo
Qorvo, Inc
RFFM8800PCK-410 QORVO-RFFM8800PCK-410 Datasheet
710Kb / 9P
   Wi-Fi Front End Module
logo
RF Micro Devices
RFFM8800SB RFMD-RFFM8800SB Datasheet
531Kb / 10P
   2.4 GHz to 2.5GHz and 4.9GHz to 5.85GHz 802.11b/g/a/n Front End module
More results

Similar Description - RFFM8850PSR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFFM8205 QORVO-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
logo
RF Micro Devices
RFFM8205 RFMD-RFFM8205 Datasheet
410Kb / 9P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Front End Module
RFFM4204 RFMD-RFFM4204 Datasheet
254Kb / 9P
   WiFi 802.11b/g/n/ac Front End Module 2.4GHz to 2.5GHz
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
   3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
logo
Qorvo, Inc
RFFM8250 QORVO-RFFM8250 Datasheet
261Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
logo
RF Micro Devices
RFFM8250 RFMD-RFFM8250 Datasheet
219Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n/ac WiFi Switch LNA Module
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
   2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
   2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com