Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFGA0014TR13 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFGA0014TR13
Description  InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFGA0014TR13 Datasheet(HTML) 6 Page - RF Micro Devices

  RFGA0014TR13 Datasheet HTML 1Page - RF Micro Devices RFGA0014TR13 Datasheet HTML 2Page - RF Micro Devices RFGA0014TR13 Datasheet HTML 3Page - RF Micro Devices RFGA0014TR13 Datasheet HTML 4Page - RF Micro Devices RFGA0014TR13 Datasheet HTML 5Page - RF Micro Devices RFGA0014TR13 Datasheet HTML 6Page - RF Micro Devices RFGA0014TR13 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6 of 7
RFGA0014
DS121106
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Assembly Drawing
Pin Names and Descriptions
Pin
Name
Description
1RF IN
RF Input. External DC block is required.
2GND
DC and RF Ground
3RF OUT/VCC RF Output, Device Collector
4GND
DC and RF Ground. Must be soldered to EVB ground plane over a bed of vias for thermal and RF perfor-
mance.


Similar Part No. - RFGA0014TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024PCK-410 RFMD-RFGA0024PCK-410 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024SQ RFMD-RFGA0024SQ Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024SR RFMD-RFGA0024SR Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024TR13 RFMD-RFGA0024TR13 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
More results

Similar Description - RFGA0014TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
   InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
CGB-1089Z RFMD-CGB-1089Z Datasheet
314Kb / 8P
   50MHz to 1000MHz SINGLE ENDED InGaP/GaAs HBT MMIC CATV AMPLIFIER
RFGA2044 RFMD-RFGA2044 Datasheet
570Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
RFGA2054 RFMD-RFGA2054 Datasheet
566Kb / 8P
   InGaP HBT MMIC AMPLIFIER 50MHz TO 3000MHz
logo
Qorvo, Inc
RFGA2044 QORVO-RFGA2044 Datasheet
1Mb / 11P
   50MHz-3000MHz, InGap HBT MMIC Amplifier
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
CGA-7718Z RFMD-CGA-7718Z_12 Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Qorvo, Inc
CGA-7718Z QORVO-CGA-7718Z Datasheet
450Kb / 8P
   PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com