Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA1018 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFLA1018
Description  VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1018 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFLA1018 Datasheet HTML 4Page - RF Micro Devices RFLA1018 Datasheet HTML 5Page - RF Micro Devices RFLA1018 Datasheet HTML 6Page - RF Micro Devices RFLA1018 Datasheet HTML 7Page - RF Micro Devices RFLA1018 Datasheet HTML 8Page - RF Micro Devices RFLA1018 Datasheet HTML 9Page - RF Micro Devices RFLA1018 Datasheet HTML 10Page - RF Micro Devices RFLA1018 Datasheet HTML 11Page - RF Micro Devices RFLA1018 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9 of 12
RFLA1018
DS141218
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Schematic
1920MHz to 1980MHz Application Circuit
Note: Parts with * following the Reference Designator should not be populated on PCBA
.
Evaluation Board Build of Materials (BOM)
Description
Reference Designator
Manufacturer
Manufacturer’s P/N
Evaluation Board
DDI
LA1018410(E)
CAP, 0.1
F, 10%, 16V, X7R, 0402
C1 ,C3, C5-C6, C8-C9 C2*,
C4*, C7*
Murata Electronics
GRM155R71C104KA88D
CONN, SMA, END LNCH, UNIV, HYB MNT, FLT
J1-J2
HEILIND ELECTRONICS
PER MAT-21-1038
RES, 0
, 0402
R1-R2
Kamaya, Inc
RMC1/16SJPTH
CONN, HDR, ST, PLRZD, 9-PIN
P1
ITW Pancon
MPSS100-9-C
RFLA1018 Module
U1
RFMD
RFLA1018
J1
RF_IN
J2
RF_OUT
GND
GND
VCC1
VCC1
VCC2
VCC2
VCC3
VCC3
C2
DNI
C1
0.1uF
GND
GND
C7
DNI
C8
0.1uF
GND
GND
C4
DNI
C3
0.1uF
GND
GND
C5
0.1uF
GND
C6
0.1uF
GND
SC_N
SC_P
SC_N
SC_P
GND
16
13
15
14
RFIN
1
SC_N
3
GND
2
GND
4
5
6
7
8
VVA_CV
9
GND
10
GND
11
RFOUT
12
U1
LA1018
C9
0.1uF
GND
VVA_CV
VVA_CV
GND
GND
GND
GND
GND
GND
VEN_ID2
VEN_ID1
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
HDR_9
9
9
P1
CON9
VEN_ID1
VEN_ID2
GND
R1
0ohm
GND
R2
0ohm


Similar Part No. - RFLA1018

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SPCK-410 RFMD-RFLA1018SPCK-410 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSQ RFMD-RFLA1018SSQ Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SSR RFMD-RFLA1018SSR Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018STR13 RFMD-RFLA1018STR13 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
More results

Similar Description - RFLA1018

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
logo
NXP Semiconductors
BGU7062N2 NXP-BGU7062N2 Datasheet
346Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 1-8 July 2013
BGU7078 NXP-BGU7078 Datasheet
439Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 3-15 February 2017
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1038 RFMD-RFLA1038 Datasheet
1Mb / 11P
   Variable Gain Low Noise High Linearity Amplifier 1710MHz to 1785MHz
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com