Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA1010PCK-410 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFLA1010PCK-410
Description  STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1010PCK-410 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFLA1010PCK-410 Datasheet HTML 4Page - RF Micro Devices RFLA1010PCK-410 Datasheet HTML 5Page - RF Micro Devices RFLA1010PCK-410 Datasheet HTML 6Page - RF Micro Devices RFLA1010PCK-410 Datasheet HTML 7Page - RF Micro Devices RFLA1010PCK-410 Datasheet HTML 8Page - RF Micro Devices RFLA1010PCK-410 Datasheet HTML 9Page - RF Micro Devices RFLA1010PCK-410 Datasheet HTML 10Page - RF Micro Devices RFLA1010PCK-410 Datasheet HTML 11Page - RF Micro Devices RFLA1010PCK-410 Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
RFLA1010
DS111121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
1920MHz to 1980MHz Application Circuit


Similar Part No. - RFLA1010PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018 RFMD-RFLA1018 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
RFLA1018PCK-410 RFMD-RFLA1018PCK-410 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SPCK-410 RFMD-RFLA1018SPCK-410 Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
RFLA1018SQ RFMD-RFLA1018SQ Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
More results

Similar Description - RFLA1010PCK-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13316 AVAGO-MGA-13316 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
MGA-13316 AVAGO-MGA-13316_15 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13316 BOARDCOM-MGA-13316 Datasheet
1Mb / 16P
   High Gain, High Linearity Low Noise Amplifier
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
RFLA1018 RFMD-RFLA1018 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13116 AVAGO-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13216 AVAGO-MGA-13216_15 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13116 BOARDCOM-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13216 AVAGO-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com