Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA1038SQ Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFLA1038SQ
Description  Variable Gain Low Noise High Linearity Amplifier 1710MHz to 1785MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA1038SQ Datasheet(HTML) 2 Page - RF Micro Devices

  RFLA1038SQ Datasheet HTML 1Page - RF Micro Devices RFLA1038SQ Datasheet HTML 2Page - RF Micro Devices RFLA1038SQ Datasheet HTML 3Page - RF Micro Devices RFLA1038SQ Datasheet HTML 4Page - RF Micro Devices RFLA1038SQ Datasheet HTML 5Page - RF Micro Devices RFLA1038SQ Datasheet HTML 6Page - RF Micro Devices RFLA1038SQ Datasheet HTML 7Page - RF Micro Devices RFLA1038SQ Datasheet HTML 8Page - RF Micro Devices RFLA1038SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
RFLA1038
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140424
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 11
Absolute Maximum Ratings
Parameter
Rating
Unit
Control Voltage
+5.5
V
Supply Voltage
+5.5
V
DC Supply Current
400
mA
Power Dissipation
2000
mW
Max RF Input Power
27
dBm
Storage Temperature Range
-40 to +150
°C
ESD Rating - Human Body Model (HBM)
1000 (Class 1C)
V
Moisture Sensitivity Level
MSL3
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+85
°C
Operating Junction Temperature
+160
°C
Supply Voltage
4.75
5
5.25
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
High Gain Mode
Performance
Temp = 25°C, VCC = 5V, Standard Application Circuit
Operating Frequency Range
1710
1785
MHz
Max Gain
36.5
38
41
dB
Attenuation = Minimum, VVA_CV = 0V
Gain Flatness
0.49
0.9
dB
Gain Range 35dB to 19dB
Min Gain
10
14
dB
Output IP3 (Max Gain)
39.5
dBm
Attenuation = Minimum, VVA_CV = 0V
Input IP3
1
7
dBm
30dB to 35dB Gain
3
10
dBm
19dB to 29dB Gain
Output P1dB (Max Gain)
25.5
dBm
Attenuation = Minimum, VVA_CV = 0V
Input P1dB
-14
-6.5
dBm
30dB to 35dB Gain
-7
-5
dBm
19dB to 29dB Gain
Noise Figure
0.8
dB
Attenuation = Minimum, VVA_CV = 0V
Input Return Loss
-31
-20
dB
19dB to 35dB Gain
Output Return Loss
-19
-15
dB


Similar Part No. - RFLA1038SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA1010 RFMD-RFLA1010 Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
RFLA1010PCK-410 RFMD-RFLA1010PCK-410 Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
RFLA1010SQ RFMD-RFLA1010SQ Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
RFLA1010SR RFMD-RFLA1010SR Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
RFLA1010TR7 RFMD-RFLA1010TR7 Datasheet
1Mb / 12P
   STEP GAIN, LOW NOISE, HIGH-LINEARITY AMPLIFIER 1920MHZ TO 1980MHZ
More results

Similar Description - RFLA1038SQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
RFLA1018 RFMD-RFLA1018 Datasheet
1Mb / 12P
   VARIABLE GAIN LOW NOISE HIGH LINEARITY AMPLIFIER
logo
NXP Semiconductors
BGU7062N2 NXP-BGU7062N2 Datasheet
346Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 1-8 July 2013
BGU7078 NXP-BGU7078 Datasheet
439Kb / 16P
   Analog high linearity low noise variable gain amplifier
Rev. 3-15 February 2017
logo
RF Micro Devices
RFLA1018S RFMD-RFLA1018S Datasheet
1Mb / 12P
   Variable Gain, Low Noise, High Linearity Amplifier 1920MHz to 1980MHz
logo
NXP Semiconductors
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
TriQuint Semiconductor
TQC9074 TRIQUINT-TQC9074_15 Datasheet
493Kb / 7P
   High Linearity Variable Gain Amplifier
logo
WJ Communication. Inc.
VG025 WJCI-VG025 Datasheet
434Kb / 7P
   High Linearity Variable Gain Amplifier
VG025 WJCI-VG025_06 Datasheet
425Kb / 7P
   High Linearity Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com