Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFLA9002 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFLA9002
Description  Dual Low Noise Amplifier Module 698MHz to 960MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFLA9002 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFLA9002 Datasheet HTML 3Page - RF Micro Devices RFLA9002 Datasheet HTML 4Page - RF Micro Devices RFLA9002 Datasheet HTML 5Page - RF Micro Devices RFLA9002 Datasheet HTML 6Page - RF Micro Devices RFLA9002 Datasheet HTML 7Page - RF Micro Devices RFLA9002 Datasheet HTML 8Page - RF Micro Devices RFLA9002 Datasheet HTML 9Page - RF Micro Devices RFLA9002 Datasheet HTML 10Page - RF Micro Devices RFLA9002 Datasheet HTML 11Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140117
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 11
RFLA9002
Stencil Drawing (Dimensions in millimeters)
Pin Out


Similar Part No. - RFLA9002

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFLA9002 QORVO-RFLA9002 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
RFLA9002PCK-410 QORVO-RFLA9002PCK-410 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
RFLA9002SQ QORVO-RFLA9002SQ Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
RFLA9002SR QORVO-RFLA9002SR Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
RFLA9002TR13 QORVO-RFLA9002TR13 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
More results

Similar Description - RFLA9002

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFLA9002 QORVO-RFLA9002 Datasheet
983Kb / 11P
   Dual Low Noise Amplifier Module 698MHz to 960MHz
logo
Molex Electronics Ltd.
2066490001 MOLEX-2066490001_V02 Datasheet
40Kb / 1P
   698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
02/22/2022
2066490001 MOLEX-2066490001 Datasheet
40Kb / 1P
   698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
2066490001 MOLEX-2066490001_V01 Datasheet
40Kb / 1P
   698MHz-960MHz Cellular Ceramic Antenna, Low-profile, SMT
logo
RF Micro Devices
RFLA9003 RFMD-RFLA9003 Datasheet
1Mb / 11P
   Dual Low Noise Amplifier Module 1710MHz to 2180MHz
logo
Qorvo, Inc
RFLA9003 QORVO-RFLA9003 Datasheet
1Mb / 11P
   Dual Low Noise Amplifier Module 1710MHz to 2180MHz
2013
logo
Exar Corporation
CLC2059 EXAR-CLC2059 Datasheet
970Kb / 13P
   Dual, Low Noise, 4V to 36V Amplifier
logo
Cadeka Microcircuits LL...
CLC2059 CADEKA-CLC2059 Datasheet
1Mb / 13P
   Dual, Low Noise, 4V to 36V Amplifier
logo
Elantec Semiconductor
EL2228C ELANTEC-EL2228C Datasheet
281Kb / 12P
   Dual Low Noise Amplifier
logo
Intersil Corporation
EL2228 INTERSIL-EL2228 Datasheet
614Kb / 10P
   Dual Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com