Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI-230G Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # SPI-230G
Description  Complied with AT standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI-230G Datasheet(HTML) 1 Page - Sparkle Power Inc.

  SPI-230G Datasheet HTML 1Page - Sparkle Power Inc. SPI-230G Datasheet HTML 2Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
SPI-230G ( RoHS Compliant)
230 Watts AT/PS2 Switching Power Supply
Input Characteristics
Input Range: 95 ~ 132/180~264Vac (RMS), Manual Select
Frequency: 47 ~ 63Hz
Input Current: 5A (RMS) @115Vac, 2.5A (RMS) @230Vac
Inrush Current: 50A Max @132Vac cold start
Features
Complied with AT standard
High efficiency and reliability
Internal 12V DC fan included
Low noise and ripple
Complies with FCC part 15 subpart J class B and CISPR 22
class B
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Approved by UL60950-1, CSA C22.2 NO. 60950-1
Specification
Temperature Range: Operating: 0°C ~ +50°C on full load;
storage & shipping: -20°C ~ +65°C
Humidity: 90% on operating and 95% storage
Dielectric Withstand: Input to frame ground 1800 VAC for
1 second
Efficiency: 65% at minimum measured at nominal AC main
voltage and frequency with maximum load on all outputs
Rise time: Less than 100mS on all Outputs
Hold-up Time: 16ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off
delay 1ms minimum (TTL and CMOS compatible)
MTBF: 50,000 hours on maximum load at +40°C
Dimensions (LxWxH): 140x150x86mm/5.5x5.9x3.4in
Output Characteristics
Output Voltage
Minimum Load
Maximum Load
Load Reg.
Line Reg.
Ripple & Noise
+5V
3A
23A
± 5%
± 1%
50mV P-P
+12V
1A
9A
± 5%
± 1%
120mV P-P
-5V
0A
0.5A
± 10%
± 2%
150mV P-P
-12V
0A
0.5A
± 10%
± 2%
150mV P-P
* This subject power supply is 230W
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Sparkle Power Inc.
Colorado Office
1316 Indian Paintbrush Lane
Longmont, CO 80503
TEL: 303-776-3281
FAX: 303-776-7645


Similar Part No. - SPI-230G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPI-235-19 SANYO-SPI-235-19 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
More results

Similar Description - SPI-230G

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPI-250G SPI-SPI-250G Datasheet
472Kb / 2P
   Complied with AT standard
SPI-300G SPI-SPI-300G Datasheet
166Kb / 2P
   Complied with AT standard
SPI300EP SPI-SPI300EP Datasheet
46Kb / 1P
   Complied with ATX12V standard
FSP100-50LM SPI-FSP100-50LM Datasheet
99Kb / 1P
   Complied with ATX12V standard
FSP250-60PFG SPI-FSP250-60PFG Datasheet
46Kb / 1P
   Complied with ATX12V standard
FSP300-60PFK SPI-FSP300-60PFK Datasheet
43Kb / 1P
   Complied with ATX12V standard
FSP460-60GHN SPI-FSP460-60GHN Datasheet
519Kb / 1P
   Complied with ATX12V standard
SPI400A8BB24 SPI-SPI400A8BB24 Datasheet
50Kb / 1P
   Complied with ATX12V standard
FSP1200-50AAG SPI-FSP1200-50AAG Datasheet
41Kb / 1P
   Complied with ATX12V standard
FSP100-50SNT SPI-FSP100-50SNT Datasheet
132Kb / 1P
   Complied with TFX12V standard
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com