Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF2805A Datasheet(PDF) 1 Page - Tyco Electronics

Part # LF2805A
Description  RF MOSFET Power Transistor, 5W, 28V 500 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LF2805A Datasheet(HTML) 1 Page - Tyco Electronics

  LF2805A Datasheet HTML 1Page - Tyco Electronics LF2805A Datasheet HTML 2Page - Tyco Electronics LF2805A Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - LF2805A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor 5W, 500-1000MHz, 28V
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor
LF2805A MA-COM-LF2805A_17 Datasheet
613Kb / 4P
   RF Power MOSFET Transistor
More results

Similar Description - LF2805A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
UF2805B MA-COM-UF2805B Datasheet
210Kb / 3P
   RF Power MOSFET Transistor 5W, 100-500 MHz, 28V
logo
Tyco Electronics
UF2805B MACOM-UF2805B Datasheet
196Kb / 3P
   RF MOSFET Power Transistor, 5W, 28V 100 - 500 MHz
LF2810A MACOM-LF2810A Datasheet
207Kb / 3P
   RF MOSFET Power Transistor, IOW, 28V 500 - 1000 MHz
logo
M/A-COM Technology Solu...
LF2805A MA-COM-LF2805A Datasheet
143Kb / 3P
   RF Power MOSFET Transistor 5W, 500-1000MHz, 28V
logo
Tyco Electronics
DU2805S MACOM-DU2805S Datasheet
194Kb / 3P
   RF MOSFET Power Transistor, 5W, 28V 2 - 175 MHz
logo
M/A-COM Technology Solu...
UF2820P MA-COM-UF2820P Datasheet
205Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF2820R MA-COM-UF2820R Datasheet
221Kb / 3P
   RF Power MOSFET Transistor 20W, 100-500 MHz, 28V
UF28100V MA-COM-UF28100V Datasheet
224Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
UF28100H MA-COM-UF28100H Datasheet
235Kb / 3P
   RF Power MOSFET Transistor 100W, 100-500 MHz, 28V
logo
Tyco Electronics
UF28100H MACOM-UF28100H Datasheet
192Kb / 3P
   RF MOSFET Power Transistor, 100W, 28V 100 - 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com