Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFMD2080TR13 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RFMD2080TR13
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2080TR13 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RFMD2080TR13 Datasheet HTML 7Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 8Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 9Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 10Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 11Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 12Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 13Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 14Page - RF Micro Devices RFMD2080TR13 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11 of 19
RFMD2080
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Detailed Functional Block Diagram
Pin Out
Pre-
scaler
/2n
[n=0..5]
N-
divider
Sequence
generator
Phase
detector
GPIO
Biasing
& LDOs
/2 IQ
gen
Reference
divider
Ext LO
I
Q
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Exposed
paddle
ENBL/GPO5
EXT_LO
EXT_LO_DEC
REXT
ANA_VDD1
LFILT1
LFILT2
LFILT3
ANA_VDD2
MOD_I_P
MOD_I_N
NC
NC
MOD_Q_P
MOD_Q_N
DIG_VDD


Similar Part No. - RFMD2080TR13

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
More results

Similar Description - RFMD2080TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFMD2081 RFMD-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
logo
Analog Devices
CN-0248 AD-CN-0248 Datasheet
199Kb / 6P
   An IQ Demodulator-Based IF-to-Baseband Receiver with IF and Baseband Variable Gain and Programmable Baseband Filtering
REV. 0
logo
Linear Technology
LT5503 LINER-LT5503_15 Datasheet
227Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
Linear Technology
LT5503 LINER-LT5503 Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com