Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFMD2081 Datasheet(PDF) 8 Page - RF Micro Devices

Part # RFMD2081
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2081 Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RFMD2081 Datasheet HTML 4Page - RF Micro Devices RFMD2081 Datasheet HTML 5Page - RF Micro Devices RFMD2081 Datasheet HTML 6Page - RF Micro Devices RFMD2081 Datasheet HTML 7Page - RF Micro Devices RFMD2081 Datasheet HTML 8Page - RF Micro Devices RFMD2081 Datasheet HTML 9Page - RF Micro Devices RFMD2081 Datasheet HTML 10Page - RF Micro Devices RFMD2081 Datasheet HTML 11Page - RF Micro Devices RFMD2081 Datasheet HTML 12Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8 of 18
RFMD2081
DS140110
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
less significant. At higher output frequencies the inductance of the bond wires (about 0.5nH on each pin) becomes more sig-
nificant. The following diagram is a simple model of the modulator output:
It is recommended to use a 4:1 balun on the modulator output, converting from the single ended 50
 system to a 200
differential load. The RFMD2081 evaluation board has an RFXF8553 wideband transmission line transformer.
Serial Interface
All on-chip registers in the RFMD2081 are programmed using a proprietary 3-wire serial bus which supports both write and
read operations. Synthesizer programming, device configuration and control are achieved through a mixture of hardware and
software controls. Certain functions and operations require the use of hardware controls via the ENBL, MODE, and RESETX
pins in addition to programming via the serial bus. Alternatively there is the option to control the chip completely via the serial
bus.
The serial data interface can be configured for 4-wire bus operation, by setting the '4WIRE' bit in the SDI_CTRL register high.
Then pin 26 is used as the data out pin, and pin 32 is the serial data in pin.
Hardware Control
Three hardware control pins are provided: ENBL, MODE, and RESETX.
The ENBL pin has two functions: to enable the analog circuits in the chip and to trigger the VCO auto-selection and coarse tun-
ing mechanisms. The VCO auto-selection and coarse tuning are initiated when the ENBL pin is taken high. Every time the fre-
quency of the synthesizer is reprogrammed, ENBL has to be asserted high to initiate these mechanisms and then to initiate the
PLL locking. Alternatively following the programming of a new frequency the PLL re-lock self clearing bit could be used.
If the device is left in the enabled state for long periods, it is recommended that VCO auto-selection and coarse tuning (band
selection) is performed for every 30°C change in temperature. The lock detect flag can be used to indicate when to perform
the VCO calibration, it shows that the VCO tuning voltage has drifted significantly with changing temperature.
The RESETX pin is a hardware reset control that will reset all digital circuits to their startup state when asserted low. The device
includes a power-on-reset function, so this pin should not normally be required, in which case it should be connected to the
positive supply.
The MODE pin controls which PLL programming register bank is active.
Serial Data Interface Control
The normal mode of operation uses the 3-wire serial data interface to program the device registers, and three extra hardware
control lines; MODE, ENBL and RESETX.
When the device is under software control, achieved by setting the SIPIN bit in the SDI_CTRL register high, then the hardware
can be controlled via the SDI_CTRL register. When this is the case, the three hardware control lines are not required. If the
device is under software control, pins 1 and 9 can be configured as general purpose outputs (GPO).
RFMD2081
RF Output
0.5nH
0.5nH
1K
1pF
1K


Similar Part No. - RFMD2081

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
More results

Similar Description - RFMD2081

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
RF Micro Devices
RFMD2080 RFMD-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
Texas Instruments
TRF3040 TI-TRF3040 Datasheet
576Kb / 40P
[Old version datasheet]   MODULATOR/SYNTHESIZER
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
   Wideband Synthesizer with Integrated VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com