Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFMD2081SQ Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFMD2081SQ
Description  45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFMD2081SQ Datasheet(HTML) 1 Page - RF Micro Devices

  RFMD2081SQ Datasheet HTML 1Page - RF Micro Devices RFMD2081SQ Datasheet HTML 2Page - RF Micro Devices RFMD2081SQ Datasheet HTML 3Page - RF Micro Devices RFMD2081SQ Datasheet HTML 4Page - RF Micro Devices RFMD2081SQ Datasheet HTML 5Page - RF Micro Devices RFMD2081SQ Datasheet HTML 6Page - RF Micro Devices RFMD2081SQ Datasheet HTML 7Page - RF Micro Devices RFMD2081SQ Datasheet HTML 8Page - RF Micro Devices RFMD2081SQ Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1 of 18
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2011, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
LDMOS
Synth
Phase
det.
Ref.
divider
RFMD2081
45MHz TO 2700MHz IQ MODULATOR
WITH SYNTHESIZER/VCO
The RFMD2081 is a low power, wideband, IQ modulator with integrated fractional-N synthesizer
and voltage controlled oscillator (VCO). The modulator features an input 3dB bandwidth of
100MHz, and can generate output frequencies of between 45MHz and 2700MHz, making it
suitable for a wide range of applications.
The fractional-N synthesizer takes advantage of an advanced sigma-delta architecture that
delivers ultra-fine step sizes and low spurious products. The synthesizer/VCO, combined with
an external loop filter, allows the user to generate local oscillator (LO) signals from 90MHz to
5400MHz. The LO signal is buffered and routed to a high accuracy quadrature divider (/2) that
drives the balanced I and Q mixers. The output of the mixers are summed and applied to a dif-
ferential RF output stage. This device also features a differential input for an external VCO or LO
source.
Device programming is achieved via a simple 3-wire serial interface. In addition, a unique pro-
gramming mode allows up to four devices to be controlled from a common serial bus. This elim-
inates the need for separate chip-select control lines between each device and the host
controller. Up to six general purpose outputs are provided, which can be used to access internal
signals (the LOCK signal, for example) or to control front end components. The device is opti-
mized for low power operation, consuming typically only 135mA from a 3V supply.
Features
RF Output Frequency Range
45MHz to 2700MHz
Fractional-N Synthesizer with
Very Low Spurious Levels
Typical Step Size 1.5Hz
Fully Integrated Wideband VCOs
and LO Buffers
Integrated Phase Noise
<0.2° rms at 1GHz
-40dBc Unadjusted Carrier
Suppression
-40dBc Unadjusted Sideband
Suppression
100MHz Baseband Input 3dB
Bandwidth
Very Low Noise Floor
-162dBm/Hz Typical
Output P1dB + 4dBm
Output IP3 + 17dBm
2.7V to 3.3V Power Supply
135mA Typical Current
Consumption
Serial Programming Interface
Applications
Satellite Communications
QPSK/QAM Modulators
Wireless Broadband
Point-to-Point
Software Defined Radios
DS140110
Package: QFN, 32-Pin, 5mm x 5mm
RFMD2081


Similar Part No. - RFMD2081SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
More results

Similar Description - RFMD2081SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFMD2081 QORVO-RFMD2081 Datasheet
2Mb / 18P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
RF Micro Devices
RFMD2080 RFMD-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH SYNTHESIZER/VCO AND BASEBAND INTERFACE`
logo
Texas Instruments
TRF372017 TI1-TRF372017_16 Datasheet
1Mb / 60P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
TRF372017 TI1-TRF372017 Datasheet
2Mb / 62P
[Old version datasheet]   Integrated IQ Modulator PLL/VCO
logo
RF Micro Devices
RFMD2014 RFMD-RFMD2014 Datasheet
771Kb / 10P
   DIRECT QUADRATURE MODULATOR 1450MHz TO 2700MHz
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
Texas Instruments
TRF3040 TI-TRF3040 Datasheet
576Kb / 40P
[Old version datasheet]   MODULATOR/SYNTHESIZER
logo
NEC
UPC8158K NEC-UPC8158K_01 Datasheet
66Kb / 5P
   AGC/UP-CONVERTER WITH IQ MODULATOR
logo
Analog Devices
ADF4350 AD-ADF4350 Datasheet
803Kb / 28P
   Wideband Synthesizer with Integrated VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com