Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR10005-G Datasheet(PDF) 1 Page - Comchip Technology

Part # BR10005-G
Description  Silicon Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BR10005-G Datasheet(HTML) 1 Page - Comchip Technology

  BR10005-G_15 Datasheet HTML 1Page - Comchip Technology BR10005-G_15 Datasheet HTML 2Page - Comchip Technology BR10005-G_15 Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Bridge Rectifiers
Page 1
BR10005-G Thru. BR5010-G Series
Dimensions in inches and (millimeter)
QW-BBR78
Reverse Voltage: 50 to 1000V
Forward Current: 10/15/25/35/50A
RoHS Device
Maximum ratings and electrical characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
BR
Comchip Technology CO., LTD.
Features
Mechanical Data
-Polarit:As marked on Body
-Mounting position:Any
Maximum Average Forward
Rectified Output Current
@Tc=55°C
Peak Forward Surage Current ,
8.3ms Single Half Sine-Wave
Super Imposed On Rated Load
Operating Temperature Range
Storage Temperature Range
I(AV)
IFSM
VF
IR
TJ
TSTG
1.1
10.0
-55 to +150
-55 to +150
A
A
V
μA
°C
Drop Per Element at
5.0/7.5/12.5/17.5/25.0A Peak
Parameter
BR15
Symbol
BR25
BR35
BR50
15
25
35
50
300
400
400
500
Unit
°C
Maximum Reverse Current at rated
DC Blocking Voltage Per Element
@ TJ=25°C
Maximum Forward Voltage
Parameter
Symbol
Unit
BR-G
50
15005
25005
VRRM
V
BR-G
100
1501
2501
BR-G
200
1504
2504
BR-G
400
1506
2506
BR-G
600
BR-G
800
1508
2508
BR-G
1000
1510
2510
35005
3501
3504
3506
3508
3510
50005
5001
5004
5006
5008
5010
1502
2502
3502
5002
Maximum RMS Bridge Input Voltage
35
VRRM
V
70
140
280
420
560
700
Max. Recurrent Peak Reverse Voltage
-Weight: 19.09grams
-Surge overload -240~500 Amperes peak.
-Low forward voltage drop.
-Electrically isolated base -2000 Volts.
-Materials used carries U/L recognition.
-Solderable 0.25" FAST ON terminals.
10005
1001
1004
1006
1008
1010
1002
BR10
10
240
Company reserves the right to improve product design , functions and reliability without notice.
Hole for
No.8 screw
193"(4.9)diam
0.442(11.23)
0.424(10.77)
0.925(23.50)
0.886(22.50)
0.035(0.90)
0.028(0.70)
0.254(6.45)
0.242(6.15)
1.133(28.80)
1.114(28.30)
0.673(17.10)
0.634(16.10)
0.732(18.60)
0.693(17.60)
0.673(17.10)
0.634(16.10)
0.583(14.80)
0.543(13.80)
1.133(28.80)
1.114(28.30)
METAL HEAT SINK
0.94
(2.40)
diam
REV: A


Similar Part No. - BR10005-G_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BR10005-G COMCHIP-BR10005-G Datasheet
84Kb / 3P
   Silicon Bridge Rectifiers
BR10005-G COMCHIP-BR10005-G Datasheet
84Kb / 3P
   Silicon Bridge Rectifiers
More results

Similar Description - BR10005-G_15

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com