Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBZ31060-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBZ31060-HF
Description  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBZ31060-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBZ31060-HF_15 Datasheet HTML 1Page - Comchip Technology CDBZ31060-HF_15 Datasheet HTML 2Page - Comchip Technology CDBZ31060-HF_15 Datasheet HTML 3Page - Comchip Technology CDBZ31060-HF_15 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD Schottky Barrier Rectifiers
QW-JB045
Comchip Technology CO., LTD.
Page 4
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
Standard Packaging
Case Type
5,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
TO-277(Z3)
Suggested PAD Layout
Marking Code
Z3PK
1060
0.132 (3.36)
MAX.
0.055 (1.39)
MIN.
0.072 (1.84)
MAX.
0.280 (7.11)
REF.
0.191 (4.86)
MIN.
0.055 (1.40)
MIN.


Similar Part No. - CDBZ31060-HF_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ31060-HF COMCHIP-CDBZ31060-HF Datasheet
591Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ31060-HF COMCHIP-CDBZ31060-HF Datasheet
591Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBZ31060-HF_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com