Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN4310G Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZVN4310G
Description  100V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVN4310G Datasheet(HTML) 4 Page - Diodes Incorporated

  ZVN4310G_15 Datasheet HTML 1Page - Diodes Incorporated ZVN4310G_15 Datasheet HTML 2Page - Diodes Incorporated ZVN4310G_15 Datasheet HTML 3Page - Diodes Incorporated ZVN4310G_15 Datasheet HTML 4Page - Diodes Incorporated ZVN4310G_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ZVN4310G
Document number: DS33372 Rev. 6 - 2
4 of 5
www.diodes.com
February 2015
© Diodes Incorporated
ZVN4310G
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010
0.15
0.05
b
0.60
0.80
0.70
b1
2.90
3.10
3.00
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
-
-
4.60
e1
-
-
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions Value (in mm)
C
2.30
C1
6.40
X
1.20
X1
3.30
Y
1.60
Y1
1.60
Y2
8.00
A1
A
D
b
e
e1
b1
C
E1
L
0°-10°
Q
E
0.25
Seating
Plane
Gauge
Plane
X1
Y1
Y
X
C
C1
Y2


Similar Part No. - ZVN4310G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN4310G DIODES-ZVN4310G_12 Datasheet
675Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223
More results

Similar Description - ZVN4310G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVN4310G DIODES-ZVN4310G_12 Datasheet
675Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223
logo
Zetex Semiconductors
ZXMN10A08G ZETEX-ZXMN10A08G Datasheet
440Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
ZXMN10A25G ZETEX-ZXMN10A25G Datasheet
624Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN10A08G DIODES-ZXMN10A08G Datasheet
447Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
ZXMN10A25G DIODES-ZXMN10A25G Datasheet
631Kb / 8P
   100V SOT223 N-channel enhancement mode MOSFET
ZXMN10A08G DIODES-ZXMN10A08G_15 Datasheet
523Kb / 7P
   100V SOT223 N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN2120G DIODES-ZVN2120G_15 Datasheet
601Kb / 6P
   200V N-CHANNEL ENHANCEMENT MODE VERTICAL MOSFET IN SOT223
ZVN4424G DIODES-ZVN4424G_15 Datasheet
727Kb / 6P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOSFET
March 2015
logo
Zetex Semiconductors
ZXMN10A09K ZETEX-ZXMN10A09K Datasheet
197Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK
logo
Diodes Incorporated
ZXMN6A25G DIODES-ZXMN6A25G Datasheet
665Kb / 8P
   60V SOT223 N-channel enhancement mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com