Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP1320F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZVP1320F
Description  200V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVP1320F Datasheet(HTML) 1 Page - Diodes Incorporated

  ZVP1320F_15 Datasheet HTML 1Page - Diodes Incorporated ZVP1320F_15 Datasheet HTML 2Page - Diodes Incorporated ZVP1320F_15 Datasheet HTML 3Page - Diodes Incorporated ZVP1320F_15 Datasheet HTML 4Page - Diodes Incorporated ZVP1320F_15 Datasheet HTML 5Page - Diodes Incorporated ZVP1320F_15 Datasheet HTML 6Page - Diodes Incorporated ZVP1320F_15 Datasheet HTML 7Page - Diodes Incorporated ZVP1320F_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZVP1320F
Document number: DS33391 Rev. 4 - 2
1 of 8
www.diodes.com
January 2012
© Diodes Incorporated
ZVP1320F
A Product Line of
Diodes Incorporated
200V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
Features and Benefits
V(BR)DSS > -200V
RDS(on) ≤ 80Ω @ VGS = -10V
Maximum continuous drain current ID = -35mA
“Lead Free”, RoHS Compliant (Note 1)
Halogen and Antimony Free. "Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – NiPdAu over Copper leadframe. Solderable
per MIL-STD-202, Method 208
Weight: 0.001 grams (approximate)
Ordering Information (Note 3)
Part Number
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZVP1320FTA
MT
7
8
3000
Notes:
1. No purposefully added lead
2. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
SOT23
Device symbol
Pin-Out
Top View
Top View
MT = Product Type Marking Code
D
S
G


Similar Part No. - ZVP1320F_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP1320F DIODES-ZVP1320F_12 Datasheet
466Kb / 8P
   200V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
More results

Similar Description - ZVP1320F_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP1320F DIODES-ZVP1320F_12 Datasheet
466Kb / 8P
   200V P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET IN SOT23
ZVP3306F DIODES-ZVP3306F Datasheet
120Kb / 2P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BS250F DIODES-BS250F_15 Datasheet
86Kb / 3P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS84TA DIODES-BSS84TA Datasheet
60Kb / 1P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306FTA DIODES-ZVP3306FTA Datasheet
120Kb / 2P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3306F DIODES-ZVP3306F_15 Datasheet
120Kb / 2P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3310F DIODES-ZVP3310F_15 Datasheet
123Kb / 2P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP1320F DIODES-ZVP1320F Datasheet
90Kb / 3P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BS250FTA DIODES-BS250FTA Datasheet
86Kb / 3P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP3310F DIODES-ZVP3310F Datasheet
123Kb / 2P
   SOT23 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com