Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVP2110G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZVP2110G
Description  SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVP2110G Datasheet(HTML) 2 Page - Diodes Incorporated

  ZVP2110G_15 Datasheet HTML 1Page - Diodes Incorporated ZVP2110G_15 Datasheet HTML 2Page - Diodes Incorporated ZVP2110G_15 Datasheet HTML 3Page - Diodes Incorporated ZVP2110G_15 Datasheet HTML 4Page - Diodes Incorporated ZVP2110G_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZVP2110G
Datasheet Number: DS33395 Rev. 3 - 2
2 of 5
www.diodes.com
March 2015
© Diodes Incorporated
ZVP2110G
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
-310
mA
Pulsed Drain Current
IDM
-3
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = +25°C
Ptot
2
W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-100
V
ID = -1mA, VGS = 0V
Zero Gate Voltage Drain Current
IDSS
-1
-100
µ
A
VDS = -100V, VGS = 0V
VDS = -80V, VGS = 0V , T = +125°C
(Notes 6)
Gate-Body Leakage
IGSS
-20
nA
VGS = ±20V, VDS = 0V
Gate-Source Threshold Voltage
VGS(th)
-1.5
-3.5
V
ID = -1mA, VDS = VGS
ON CHARACTERISTICS
On-State Drain Current (Note 5)
ID(on)
-750
mA
VDS = -25V, VGS = -10V
Static Drain-Source On-State Resistance (Note 5)
RDS (ON)
8
VGS = -10V, ID = -375mA
Forward Transconductance (Notes 5 & 6)
gfs
125
mS
VDS = -25V, ID = -375mA
DYNAMIC CHARACTERISTICS
Input Capacitance (Note 6)
Ciss
100
pF
VDS = -25 V, VGS = 0V
f = 1MHz
Output Capacitance (Note 6)
Coss
35
pF
Reverse Transfer Capacitance (Note 6)
Crss
10
pF
Turn-On Delay Time (Notes 6 & 7)
td(on)
7
ns
VDD -25V, ID = -375mA
Turn-On Rise Time (Notes 6 & 7)
tr
15
ns
Turn-Off Delay Time (Notes 6 & 7)
td(off)
12
Ns
Turn-Off Fall Time (Notes 6 & 7)
tf
15
Ns
Notes:
5. Measured under pulsed conditions. Width = 300µs. Duty cycle ≤ 2%.
6. Sample Test.
7. Switching times measured with 50
source impedance and <5ns rise time on a pulse generator.


Similar Part No. - ZVP2110G_15

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ZVP2110GTA VBSEMI-ZVP2110GTA Datasheet
1,005Kb / 8P
   P-Channel 100-V (D-S) MOSFET
More results

Similar Description - ZVP2110G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZVP4424GTA DIODES-ZVP4424GTA Datasheet
146Kb / 3P
   SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4424G DIODES-ZVP4424G_15 Datasheet
408Kb / 6P
   SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0545GTA DIODES-ZVP0545GTA Datasheet
51Kb / 1P
   SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP4424G DIODES-ZVP4424G Datasheet
146Kb / 3P
   SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP0545G DIODES-ZVP0545G Datasheet
51Kb / 1P
   SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVP2106G DIODES-ZVP2106G Datasheet
83Kb / 3P
   SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Fairchild Semiconductor
ZVP2120GTA FAIRCHILD-ZVP2120GTA Datasheet
85Kb / 3P
   SOT223 P-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Zetex Semiconductors
ZVN4306GV ZETEX-ZVN4306GV Datasheet
118Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN2106G DIODES-ZVN2106G Datasheet
41Kb / 2P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4424G DIODES-ZVN4424G Datasheet
344Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com