Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB6D0DN30QA Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KMB6D0DN30QA
Description  Dual N-Ch Trench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB6D0DN30QA Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KMB6D0DN30QA_15 Datasheet HTML 1Page - KEC(Korea Electronics) KMB6D0DN30QA_15 Datasheet HTML 2Page - KEC(Korea Electronics) KMB6D0DN30QA_15 Datasheet HTML 3Page - KEC(Korea Electronics) KMB6D0DN30QA_15 Datasheet HTML 4Page - KEC(Korea Electronics) KMB6D0DN30QA_15 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2008. 3. 21
5/5
KMB6D0DN30QA
Revision No : 1
Fig11. Gate Charge
VGS
10 V
Qg
Qgd
Qgs
Q
VDS
VGS
tr
td(on)
10%
90%
ton
tf
td(off)
toff
ID
ID
Fig12. Resistive Load Switching
V
DS
VGS
VDS
VGS
1.0 mA
Schottky
Diode
10 V
6
RL
0.5
VDSS
0.5
VDSS


Similar Part No. - KMB6D0DN30QA_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB6D0DN30QA KEC-KMB6D0DN30QA_08 Datasheet
62Kb / 5P
   Dual N-Ch Trench MOSFET
More results

Similar Description - KMB6D0DN30QA_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB4D5DN60QA KEC-KMB4D5DN60QA_15 Datasheet
769Kb / 4P
   Dual N-Ch Trench MOSFET
KMB4D5DN60QA KEC-KMB4D5DN60QA Datasheet
57Kb / 4P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QA KEC-KMB7D0DN40QA_09 Datasheet
86Kb / 5P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF1002 KODENSHI-SUF1002 Datasheet
353Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB7D0DN40QA KEC-KMB7D0DN40QA Datasheet
460Kb / 4P
   Dual N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SUF3001 KODENSHI-SUF3001 Datasheet
344Kb / 8P
   Dual N-ch Trench MOSFET
logo
KEC(Korea Electronics)
KMD6D0DN40Q KEC-KMD6D0DN40Q_15 Datasheet
378Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QA KEC-KMB6D0DN30QA_08 Datasheet
62Kb / 5P
   Dual N-Ch Trench MOSFET
KMB6D0DN30QB KEC-KMB6D0DN30QB Datasheet
380Kb / 5P
   Dual N-Ch Trench MOSFET
KMB7D0DN40QB KEC-KMB7D0DN40QB Datasheet
839Kb / 5P
   Dual N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com